Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 81Page - Renesas Technology Corp M3885 Datasheet HTML 82Page - Renesas Technology Corp M3885 Datasheet HTML 83Page - Renesas Technology Corp M3885 Datasheet HTML 84Page - Renesas Technology Corp M3885 Datasheet HTML 85Page - Renesas Technology Corp M3885 Datasheet HTML 86Page - Renesas Technology Corp M3885 Datasheet HTML 87Page - Renesas Technology Corp M3885 Datasheet HTML 88Page - Renesas Technology Corp M3885 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
84
Table 24 Definition of each bit in status register
Status Register
The status register shows the operating state of the flash memory
and whether erase operations and programs ended successfully or
in error. It can be read in the following ways.
(1) By reading an arbitrary address from the user ROM area after
writing the read status register command (7016)
(2) By reading an arbitrary address from the user ROM area in the
period from when the program starts or erase operation starts to
when the read array command (FF16) is input
Table 24 shows the status register.
Also, the status register can be cleared in the following way.
(1) By writing the clear status register command (5016)
(2) In the deep power down mode
(3) In the power supply off state
After a reset, the status register is set to “8016”.
Each bit in this register is explained below.
Sequencer status (SR7)
After power-on, and after recover from deep power down mode, the
sequencer status is set to “1”(ready).
The sequencer status indicates the operating status of the device.
This status bit is set to “0” (busy) during program or erase operation
and is set to “1” upon completion of these operations.
Erase status (SR5)
The erase status informs the operating status of erase operation to
the CPU. When an erase error occurs, it is set to “1”.
The erase status is reset to “0” when cleared.
Program status (SR4)
The program status informs the operating status of write operation to
the CPU. When a write error occurs, it is set to “1”.
The program status is reset to “0” when cleared.
If “1” is set for any of the SR5 or SR4 bits, the program, erase all
blocks, and block erase commands are not accepted. Before ex-
ecuting these commands, execute the clear status register com-
mand (5016) and clear the status register.
Also, any commands are not correct, both SR5 and SR4 are set to
“1”.
Each bit of
SRD0 bits
SR7 (bit7)
SR6 (bit6)
SR5 (bit5)
SR4 (bit4)
SR3 (bit3)
SR2 (bit2)
SR1 (bit1)
SR0 (bit0)
Definition
“1”
“0”
Sequencer status
Reserved
Erase status
Program status
Reserved
Reserved
Reserved
Reserved
Ready
-
Terminated in error
Terminated in error
-
-
-
-
Status name
Busy
-
Terminated normally
Terminated normally
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com