Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 25Page - Renesas Technology Corp M3885 Datasheet HTML 26Page - Renesas Technology Corp M3885 Datasheet HTML 27Page - Renesas Technology Corp M3885 Datasheet HTML 28Page - Renesas Technology Corp M3885 Datasheet HTML 29Page - Renesas Technology Corp M3885 Datasheet HTML 30Page - Renesas Technology Corp M3885 Datasheet HTML 31Page - Renesas Technology Corp M3885 Datasheet HTML 32Page - Renesas Technology Corp M3885 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 103 page
background image
28
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PULSE WIDTH MODULATION (PWM)
OUTPUT CIRCUIT
The 3885 group has two PWM output circuits, PWM0 and PWM1,
with 14-bit resolution respectively. These can operate indepen-
dently. When the oscillation frequency XIN is 8 MHz, the minimum
Fig. 23 PWM block diagram (PWM0)
resolution bit width is 250 ns and the cycle period is 4096
µs. The
PWM timing generator supplies a PWM control signal based on a
signal that is the frequency of the XIN clock.
The following explanation assumes f(XIN) = 8 MHz.
14
1/2
PWM0 enable bit
P30 latch
P30/PWM00
PWM0L register (Address 003116)
PWM0H register (Address 003016)
bit 7
bit 0
bit 5
MSB
LSB
PWM0
bit 7
bit 0
PWM0
timing
generator
(64
µs period)
(4096
µs period)
PWM0 latch (14 bits)
Set to “1”
at write
Data Bus
f(XIN)
(8MHz)
14-bit PWM0 circuit
P56 direction register
PWM0 enable bit
PWM0 enable bit
P56 latch
P56/DA1/PWM01
PWM0 output selection bit
P30 direction register
(4MHz)
PWM0 enable bit
PWM0 output selection bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com