Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 41Page - Renesas Technology Corp M3885 Datasheet HTML 42Page - Renesas Technology Corp M3885 Datasheet HTML 43Page - Renesas Technology Corp M3885 Datasheet HTML 44Page - Renesas Technology Corp M3885 Datasheet HTML 45Page - Renesas Technology Corp M3885 Datasheet HTML 46Page - Renesas Technology Corp M3885 Datasheet HTML 47Page - Renesas Technology Corp M3885 Datasheet HTML 48Page - Renesas Technology Corp M3885 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 103 page
background image
44
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Example of Master Transmission
An example of master transmission in the standard clock mode, at
the SCL frequency of 100 kHz and in the ACK return mode is
shown below.
(1) Set a slave address in the high-order 7 bits of the I2C address
register (S0D) and “0” into the RWB bit.
(2) Set the ACK return mode and SCL = 100 kHz by setting “8516”
in the I2C clock control register (S2).
(3) Set “0016” in the I2C status register (S1) so that transmission/
reception mode can become initializing condition.
(4) Set a communication enable status by setting “0816” in the I2C
control register (S1D).
(5) Confirm the bus free condition by the BB flag of the I2C status
register (S1).
(6) Set the address data of the destination of transmission in the
high-order 7 bits of the I2C data shift register (S0) and set “0”
in the least significant bit.
(7) Set “F016” in the I2C status register (S1) to generate a START
condition. At this time, an SCL for 1 byte and an ACK clock au-
tomatically occur.
(8) Set transmit data in the I2C data shift register (S0). At this time,
an SCL and an ACK clock automatically occur.
(9) When transmitting control data of more than 1 byte, repeat step
(8).
(10) Set “D016” in the I2C status register (S1) to generate a STOP
condition if ACK is not returned from slave reception side or
transmission ends.
Example of Slave Reception
An example of slave reception in the high-speed clock mode, at
the SCL frequency of 400 kHz, in the ACK non-return mode and
using the addressing format is shown below.
(1) Set a slave address in the high-order 7 bits of the I2C address
register (S0D) and “0” in the RWB bit.
(2) Set the no ACK clock mode and SCL = 400 kHz by setting
“2516” in the I2C clock control register (S2).
(3) Set “0016” in the I2C status register (S1) so that transmission/
reception mode can become initializing condition.
(4) Set a communication enable status by setting “0816” in the I2C
control register (S1D).
(5) When a START condition is received, an address comparison
is performed.
(6)•When all transmitted addresses are “0” (general call):
AD0 of the I2C status register (S1) is set to “1” and an interrupt
request signal occurs.
• When the transmitted address matches with the address set
in (1):
ASS of the I2C status register (S1) is set to “1” and an interrupt
request signal occurs.
• In the cases other than the above AD0 and AAS of the I2C
status register (S1) are set to “0” and no interrupt request sig-
nal occurs.
(7) Set dummy data in the I2C data shift register (S0).
(8) When receiving control data of more than 1 byte, repeat step (7).
(9) When a STOP condition is detected, the communication ends.
sPrecautions when using multi-master I2C-
BUS interface
(1) Read-modify-write instruction
The precautions when the read-modify-write instruction such as
SEB, CLB etc. is executed for each register of the multi-master
I2C-BUS interface are described below.
• I2C data shift register (S0: address 001216)
When executing the read-modify-write instruction for this regis-
ter during transfer, data may become a value not intended.
• I2C address register (S0D: address 001316)
When the read-modify-write instruction is executed for this regis-
ter at detecting the STOP condition, data may become a value
not intended. It is because H/W changes the read/write bit
(RWB) at the above timing.
• I2C status register (S1: address 001416)
Do not execute the read-modify-write instruction for this register
because all bits of this register are changed by H/W.
• I2C control register (S1D: address 001516)
When the read-modify-write instruction is executed for this regis-
ter at detecting the START condition or at completing the byte
transfer, data may become a value not intended. Because H/W
changes the bit counter (BC0-BC2) at the above timing.
• I2C clock control register (S2: address 001616)
The read-modify-write instruction can be executed for this register.
• I2C START/STOP condition control register (S2D: address
001716)
The read-modify-write instruction can be executed for this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com