Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 18Page - Renesas Technology Corp M3885 Datasheet HTML 19Page - Renesas Technology Corp M3885 Datasheet HTML 20Page - Renesas Technology Corp M3885 Datasheet HTML 21Page - Renesas Technology Corp M3885 Datasheet HTML 22Page - Renesas Technology Corp M3885 Datasheet HTML 23Page - Renesas Technology Corp M3885 Datasheet HTML 24Page - Renesas Technology Corp M3885 Datasheet HTML 25Page - Renesas Technology Corp M3885 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
21
Interrupt Request
Generating Conditions
Remarks
Interrupt Source
Low
FFFC16
High
Priority
Table 8 Interrupt vector addresses and priority
Vector Addresses (Note 1)
Reset (Note 2)
INT0
Input buffer full
(IBF)
INT1
Output buffer
empty (OBE)
At reset
At detection of either rising or
falling edge of INT0 input
At input data bus buffer writing
At detection of either rising or
falling edge of INT1 input
At output data bus buffer read-
ing
Non-maskable
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
Serial I/O
reception
At completion of serial I/O data
reception
Valid when serial I/O is selected
Serial I/O
transmission
SCL, SDA
Timer X
Timer Y
Timer 1
Timer 2
At completion of serial I/
Otransfer shift or when trans-
mission buffer is empty
At detection of either rising or
falling edge of SCL or SDA
At timer X underflow
At timer Y underflow
At timer 1 underflow
At timer 2 underflow
Valid when serial I/O is selected
External interrupt
(active edge selectable)
STP release timer underflow
LRESET
At falling edge of LRESET input
External interrupt
1
2
3
4
5
6
CNTR0
INT0
CNTR1
INT1
At detection of either rising or
falling edge of CNTR0 input
At detection of either rising or
falling edge of INT0 input
At detection of either rising or
falling edge of CNTR1 input
At detection of either rising or
falling edge of INT1 input
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
External interrupt (falling valid)
INT5
At detection of either rising or
falling edge of INT5 input
External interrupt
(active edge selectable)
7
8
9
10
I2C
INT2
At completion of data transfer
At detection of either rising or
falling edge of INT2 input
External interrupt
(active edge selectable)
11
12
Notes 1: Vector addresses contain interrupt jump destination addresses.
2: Reset functions in the same way as an interrupt with the highest priority.
INT3
INT4
A-D converter
Key-on wake-up
BRK instruction
At detection of either rising or
falling edge of INT3 input
At detection of either rising or
falling edge of INT4 input
At completion of A-D conversion
At falling of port P3 (at input) in-
put logical level AND
At BRK instruction execution
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
External interrupt (falling valid)
Non-maskable software interrupt
13
14
15
16
FFFD16
FFFB16
FFF916
FFF716
FFF516
FFF316
FFF116
FFED16
17
FFEF16
FFEB16
FFE916
FFE716
FFE516
FFE316
FFE116
FFDF16
FFDD16
FFFA16
FFF816
FFF616
FFF416
FFF216
FFF016
FFEE16
FFEC16
FFEA16
FFE816
FFE616
FFE416
FFE216
FFE016
FFDE16
FFDC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com