Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 28Page - Renesas Technology Corp M3885 Datasheet HTML 29Page - Renesas Technology Corp M3885 Datasheet HTML 30Page - Renesas Technology Corp M3885 Datasheet HTML 31Page - Renesas Technology Corp M3885 Datasheet HTML 32Page - Renesas Technology Corp M3885 Datasheet HTML 33Page - Renesas Technology Corp M3885 Datasheet HTML 34Page - Renesas Technology Corp M3885 Datasheet HTML 35Page - Renesas Technology Corp M3885 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 103 page
background image
31
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
SERIAL I/O
Serial I/O
Serial I/O works as either clock synchronous serial I/O mode or
universal asynchronous receiver transmitter (UART) serial I/O
mode. A dedicated timer is also provided for baud rate generation.
(1) Clock Synchronous Serial I/O Mode
Clock synchronous serial I/O mode can be selected by setting the
serial I/O mode selection bit of the serial I/O control register (bit 6
of SIOCON) to “1”.
For clock synchronous serial I/O, the transmitter and the receiver
must use the same clock. When an internal clock is used, the
transfer starts by writing to the TB.
Fig. 26 Block diagram of clock synchronous serial I/O
Fig. 27 Operation of clock synchronous serial I/O function
1/4
1/4
F/F
P46/SCLK
Serial I/O status register
Serial I/O control register
P47/SRDY/CLKRUN
P44/RXD
P45/TXD
f(XIN)
Receive buffer register
Receive shift register
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Clock control circuit
Shift clock
Serial I/O synchronous
clock selection bit
Baud rate generator
BRG count source selection bit
Clock control circuit
Falling-edge detector
Transmit buffer register
Data bus
Shift clock
Transmit shift completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
Transmit interrupt source selection bit
Data bus
Transmit shift register
(f(XCIN) in low-speed
mode)
Frequency division ratio 1/(n+1)
Address 001816
Address 001A16
Address 001C16
Address 001816
D7
D7
D0
D1
D2
D3
D4
D5
D6
D0
D1
D2
D3
D4
D5
D6
RBF = 1
TSC = 1
TBE = 0
TSC = 1
TBE = 1
TSC = 0
Transfer shift clock
(1/2 to 1/2048 of the internal
clock, or an external clock)
TxD pin
RxD pin
Write pulse to transmit buffer
register (TB)
Overrun error (OE)
detection
Notes 1: As the transmit interrupt (TI), which can be selected, either when the transmit buffer has emptied (TBE=1) or after the
transmit shift operation has ended (TSC=1), by setting the transmit interrupt source selection bit (TIC) of the serial I/O
control register.
2: If data is written to the transmit buffer register when TSC=0, the transmit clock is generated continuously and the next
serial data is output continuously from the TxD pin.
3: The receive interrupt (RI) is set when the receive buffer full flag (RBF) becomes “1” .
SRDY pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com