Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 90Page - Renesas Technology Corp M3885 Datasheet HTML 91Page - Renesas Technology Corp M3885 Datasheet HTML 92Page - Renesas Technology Corp M3885 Datasheet HTML 93Page - Renesas Technology Corp M3885 Datasheet HTML 94Page - Renesas Technology Corp M3885 Datasheet HTML 95Page - Renesas Technology Corp M3885 Datasheet HTML 96Page - Renesas Technology Corp M3885 Datasheet HTML 97Page - Renesas Technology Corp M3885 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 103 page
background image
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
93
Table 31 Electrical characteristics
(VCC = 3.3 V ± 0.3V, VSS = 0 V, Ta = –20 to 85 °C, Mask ROM version unless otherwise noted)
Power source current
Limits
Parameter
Min.
Typ.
Max.
Symbol
Unit
High-speed mode
f(XIN) = 8 MHz
f(XCIN) = 32.768 kHz
Output transistors “off”
High-speed mode
f(XIN) = 8 MHz (in WIT state)
f(XCIN) = 32.768 kHz
Output transistors “off”
Middle-speed mode
f(XIN) = 8 MHz
f(XCIN) = stopped
Output transistors “off”
Middle-speed mode
f(XIN) = 8 MHz (in WIT state)
f(XCIN) = stopped
Output transistors “off”
Low-speed mode
f(XIN) = stopped
f(XCIN) = 32.768 kHz
Output transistors “off”
Low-speed mode
f(XIN) = stopped
f(XCIN) = 32.768 kHz (in WIT state)
Output transistors “off”
Additional current when A-D converter
works
f(XIN) = 8 MHz
Additional current when LPC I/F functions
LCLK = 33 MHz
All oscillation stopped
(in STP state)
Output transistors “off”
Test conditions
7
2
4
1.5
40
20
1.0
10
ICC
Ta = 25 °C
Ta = 85 °C
2.5
0.8
1.5
0.6
15
10
500
1.5
0.1
mA
mA
mA
mA
µA
µA
µA
mA
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com