Electronic Components Datasheet Search
  English  ▼

X  

M3885 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # M3885
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3885 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button M3885 Datasheet HTML 29Page - Renesas Technology Corp M3885 Datasheet HTML 30Page - Renesas Technology Corp M3885 Datasheet HTML 31Page - Renesas Technology Corp M3885 Datasheet HTML 32Page - Renesas Technology Corp M3885 Datasheet HTML 33Page - Renesas Technology Corp M3885 Datasheet HTML 34Page - Renesas Technology Corp M3885 Datasheet HTML 35Page - Renesas Technology Corp M3885 Datasheet HTML 36Page - Renesas Technology Corp M3885 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 103 page
background image
32
3885 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
(2) Asynchronous Serial I/O (UART) Mode
Universal asynchronous transmitter receiver (UART) serial I/O
mode can be selected by clearing the serial I/O mode selection bit
of the serial I/O control register to “0”.
Eight serial data transfer formats can be selected, and the transfer
formats used by a transmitter and receiver must be identical.
Both the transmit and receive shift registers have a buffer, but the
two buffers assigned the same address. Since the shift register
cannot be written to or read from directly, transmit data is written
to the transmit buffer register, and receive data is read from the re-
ceive buffer register.
The transmit buffer register can also hold the next data to be
transmitted, and the receive buffer register can hold a character
while the next character is being received.
Fig. 28 Block diagram of UART mode
f(XIN)
1/4
OE
PE FE
1/16
1/16
Data bus
Receive buffer register
Receive shift register
Receive buffer full flag (RBF)
Receive interrupt request (RI)
Baud rate generator
Frequency division ratio 1/(n+1)
ST/SP/PA generator
Transmit buffer register
Data bus
Transmit shift register
Transmit shift completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
ST detector
SP detector
UART control register
Character length selection bit
BRG count source selection bit
Transmit interrupt source selection bit
Serial I/O synchronous clock selection bit
Clock control circuit
Character length selection bit
7 bits
8 bits
Serial I/O control register
P46/SCLK
Serial I/O status register
P44/RXD
P45/TXD
(f(XCIN) in low-speed mode)
Address
001816
Address
001A16
Address 001B16
Address 001916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com