Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 16Page - National Semiconductor (TI) DP83261 Datasheet HTML 17Page - National Semiconductor (TI) DP83261 Datasheet HTML 18Page - National Semiconductor (TI) DP83261 Datasheet HTML 19Page - National Semiconductor (TI) DP83261 Datasheet HTML 20Page - National Semiconductor (TI) DP83261 Datasheet HTML 21Page - National Semiconductor (TI) DP83261 Datasheet HTML 22Page - National Semiconductor (TI) DP83261 Datasheet HTML 23Page - National Semiconductor (TI) DP83261 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 132 page
background image
50 Functional Description (Continued)
551 Odd Symbols Handling
When the first T symbol of a frame is received as the sec-
ond symbol of a symbol pair (the T symbol is received off-
boundary) the Ring Engine corrects this condition by send-
ing out the symbol sequence TSII This symbol sequence
indicates the end of the frame and that an error has been
detected in the frame Note that this is a low probability
error event
Reception of symbols other than R S and T during the
Frame Status processing is also a low probability event
This event is handled slightly differently on the first byte of
the Ending Frame Status
After the first byte of the Ending Frame Status if either the
first symbol is not RorS or the second symbol is not Ror
SorT
an Idle symbol pair (II) is transmitted
56 SMT FRAME PROCESSING
All SMT frames are handled as all other frames with the
exception of the SMT Next Station Addressing (SMT NSA)
frame NSA frames are used to announce this station’s ad-
dress to the next addressed station The current SMT proto-
col requires stations to periodically (at least once every 30
seconds) transmit an NSA frame Since the Broadcast ad-
dress is used and every station is required to recognize the
broadcast address the downstream neighbor will set the A
Indicator A station can determine its upstream neighbor by
finding NSA frames received with the A Indicator received
as R By collecting this information from all stations a map
of the logical ring can be built
Additionally only the station that sets the A Indicator is per-
mitted to set the C Indicator on such frames In this way the
station that sends out the NSA frame can determine if the
next addressed station copied the frame by examining the
returning C Indicator
57 MAC FRAME PROCESSING
Upon the reception of a valid MAC frame (Claim Beacon or
Other) the Ring
Operational flag is reset and the Ring En-
gine enters the Idle Claim or Beacon State Received Claim
and Beacon frames are processed as defined in the Stan-
dard (See Appendix A) unless inhibited by the bits in the
Option Register
571 Claim Token Process
Receive
When a Claim frame is received its Frame Type is reported
(Claim frame) along with the type of Claim frame
There are three types of Claim frames
My
Claim
Higher
Claim and Lower
Claim
AMy
Claim frame is a Claim frame with a Source Address
that matches this station address and the T
Bid
Rc in the
INFO field is equal to this station’s TREQ
A Higher
Claim frame is a Claim frame with a Source Ad-
dress that does not match this station address and the
T
Bid
Rc in the INFO field is greater than this station’s
TREQ
A Lower
Claim frame is a Claim frame with a Source Ad-
dress that does not match this station address and the
T
Bid
Rc in the INFO field is less than this station’s
TREQ
Transmit
Claim frames are transmitted continuously while in the
Claim State
Claim frames are generated by the Ring Engine unless an
Immediate Claim Request is present at the MAC Request
Interface Even if an Immediate Claim Request is present at
the MAC Request Interface at least one Claim frame must
be generated by the Ring Engine before Claim frames from
the Interface are transmitted
For internally generated Claim frames the Information field
is transmitted as the 4-byte Requested Target Token Rota-
tion Time
The Information field of a Claim frame consists of the sta-
tion’s Requested Target Token Rotation Time In the Ring
Engine implementation
TREQ is programmable with
2048 ms resolution and a maximum value of 134 seconds
Claim Protocol
Entry to the Claim state occurs whenever token recovery is
required The Recovery Required condition occurs when
 TRT expires and Late Flag is set
 TVX expires
 A Lower Claim frame or My Beacon frame is received
Entry to the Claim state may be blocked by enabling the
Inhibit Recovery Required option (bit OptionITR)
The Claim state is entered (even if OptionIRR e 1) with a
SM
MA
Controlrequest (Claim) (Set FunctionCLM to 1)
While in the Claim state
 Claim frames are transmitted continuously
 If a Higher Claim frame is received the station exits the
Claim state and enters the IDLE state In this state it then
repeats additional Higher Claim frames
 If a Lower Claim frame is received this station continues
to send its own Claim frames and remains in the Claim
state
Eventually if a logical ring exists the station with the short-
est TREQ on the ring should receive its own Claim frames
the My Claim frame This completes the Claim Token Pro-
cess This one station then earns the right to issue a token
to establish an Operational ring
An option is provided to remain in the Claim state if this
station won the Claim Token Process by enabling the Inhibit
Token Release Option (bit OptionITR)
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com