Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 5Page - National Semiconductor (TI) DP83261 Datasheet HTML 6Page - National Semiconductor (TI) DP83261 Datasheet HTML 7Page - National Semiconductor (TI) DP83261 Datasheet HTML 8Page - National Semiconductor (TI) DP83261 Datasheet HTML 9Page - National Semiconductor (TI) DP83261 Datasheet HTML 10Page - National Semiconductor (TI) DP83261 Datasheet HTML 11Page - National Semiconductor (TI) DP83261 Datasheet HTML 12Page - National Semiconductor (TI) DP83261 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 132 page
background image
40 FDDI MAC Facilities (Continued)
421 PDU Fields
Start of Frame Sequence
The Start of Frame Sequence (SFS) consists of the Pream-
ble (PA) followed by the Starting Delimiter (SD)
The Preamble is a sequence of zero or more Idle symbols
that is used to separate the PDUs The Ring Engine Receiv-
er can process and repeat a frame or token with no pream-
ble The Ring Engine Transmitter generates frames with at
least 8 bytes of preamble The Ring Engine Transmitter also
guarantees that valid FDDI frames will never be transmitted
with more than 40 bytes of preamble
The Starting Delimiter is used to indicate the start of a new
PDU The Starting Delimiter is the JK symbol pair
The Ring Engine expects the Starting Delimiter to be con-
veyed across the PH
Indication Interface as a single byte
Similarly the Ring Engine only generates Starting Delimiters
aligned to the byte boundary
Frame Control
The Frame Control (FC) field is used to discriminate PDUs
For tokens the FC field identifies Restricted and Non-re-
stricted tokens For frames the FC field identifies the frame
types and format and how the frame is to be processed
The one byte FC field is formatted as shown in
Figure 4-3
C
L
FF
r
ZZZ
FIGURE 4-3 Frame Control Field
The C (Class) bit specifies the MAC Service Class as Asyn-
chronous (C e 0) or Synchronous (C e 1)
The L (Length) bit specifies the length of the MAC Address
as Short (L e 0) or Long (L e 1) A Short Address is a 16-
bit address A Long Address is a 48-bit address
The FF (Format) bits specify the PDU types as shown in
Table 4-3
The r (Reserved) bit is currently not specified and should
always be transmitted as Zero (Exception
SMT NSA
Frames)
The ZZZ (Control) bits are used in conjunction with the C
and FF bits to specify the type of PDUs These bits may be
used to affect protocol processing criteria such as the Priori-
ty Protocol Class Status Handling etc
TABLE 4-3 Frame Control Format Bits
FCFF
PDU Types
0
0
SMTMAC
0
1
LLC
1
0
Reserved for Implementer
1
1
Reserved for Future Standardization
When the Frame Control Format bits (FCFF) indicate a
SMT or MAC PDU the frame type is identified as shown in
Table 4-4
TABLE 4-4 MACSMT Frames Types
CLFF
rZZZ
PDU Type
1000
0000
Non-Restricted Token
1100
0000
Restricted Token
0L00
0000
Void Frame
0L00
0001 to
SMT Frame
1110
0L00
1111
SMT Next Station
Addressing Frame
1L00
0001
Other MAC Frame
1L00
0010
MAC Beacon Frame
1L00
0011
MAC Claim Frame
1L00
0100 to
Other MAC Frame
1111
Destination Address
The Destination Address (DA) field is used to specify the
station(s) that should receive and process the frame
The DA can be an Individual or Group address This is de-
termined by the Most Significant Bit of the DA (DAIG)
When DAIG is 0 the DA is an Individual Address when
DAIG is 1 the DA is a Group Address The BroadcastUni-
versal address is a Group Address
The DA field can be a Long or Short Address This is deter-
mined by the L bit in the FC field (FCL) If FCL is 1 the DA
is a 48-bit Long Address If FCL is 0 the DA is a 16-bit
Short Address
The Ring Engine maintains both a 16-bit Individual Address
My Short Address (MSA) and a 48-bit Individual Address
My Long Address (MLA)
On the receive side if DAIG is 0 the incoming DA is com-
pared with MLA (if FCL e 1) or MSA (if FCL e 0) If the
received DA matches MLA or MSA the frame is intended for
this station and the address recognized flag (A
Flag) is set
If DAIG is 1 the DA is a Group Address and is compared
with the set of Group Addresses recognized by the Ring
Engine If a match occurs the address recognized flag
(A
Flag) is set The A
Flag is used by system inter-
face logic as part of the criteria (with FCL DAIG and
M
Flag) to determine whether or not to copy the frame If
the A
flag is set the system interface will normally attempt
to copy the frame
On the transmit side the DA is provided by the system inter-
face logic as part of the data stream The length of the
address to be transmitted is determined by the L bit of the
FC field (The FC field is also passed in the data stream)
The Destination Address can be an Individual Group or
Broadcast Address
Source Address
The Source Address (SA) field is used to specify the ad-
dress of the station that originally transmitted the frame
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com