Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 69Page - National Semiconductor (TI) DP83261 Datasheet HTML 70Page - National Semiconductor (TI) DP83261 Datasheet HTML 71Page - National Semiconductor (TI) DP83261 Datasheet HTML 72Page - National Semiconductor (TI) DP83261 Datasheet HTML 73Page - National Semiconductor (TI) DP83261 Datasheet HTML 74Page - National Semiconductor (TI) DP83261 Datasheet HTML 75Page - National Semiconductor (TI) DP83261 Datasheet HTML 76Page - National Semiconductor (TI) DP83261 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 132 page
background image
70 Signal Descriptions (Continued)
721 PHY Interface Codes
The DP83251155 PLAYER device converts the Standard 4B5B FDDI symbol code to the internal code used at the PHY
Interface The PH
DATAIndication table shows how the Ring Engine interprets the codes generated by the PLAYER device
and the PH
DATA Request table shows the codes generated by the Ring Engine
The internal code is actually an 8B9B code with parity where one bit is used to determine whether the symbol pair contains two
data symbols or at least one control symbol
PH
DATAIndication
The Ring Engine interprets the byte stream the PLAYER device as defined in Table 7-1
TABLE 7-1 Internal PHY Indicate Coding
Value
PIP
PIC
PID(7 – 4)
PID(3 – 0)
Type
0
1
0
0000
0000
Data Symbol Pair
1
0
0
0000
0001
Data Symbol Pair
254
0
0
1111
1110
Data Symbol Pair
255
1
0
1111
1111
Data Symbol Pair
JK
P
1
1101
xxxx
Start Delimiter
PI
P
1
x011
x1xx
PH
Invalid
PI
P
1
x011
xx1x
PH
Invalid
II
P
1
10xx
xxxx
Idle Symbols
nI
P
1
0000
10xx
DataIdle Symbol
RR
P
1
0110
0110
Frame Status
RS
P
1
0110
0111
Frame Status
RT
P
1
0110
0101
Frame Status
SS
P
1
0111
0111
Frame Status
SR
P
1
0111
0110
Frame Status
ST
P
1
0111
0101
Frame Status
SX
P
1
0111
xxxx
Frame Status
TX
P
1
0101
xxxx
Ending Delimiter
TR
P
1
0101
0110
Ending Delimiter
TS
P
1
0101
0111
Ending Delimiter
TT
P
1
0101
0101
Ending Delimiter
nT
P
1
0000
0101
Mixed Symbol Pair
Parity Error
E
P
0
Code Violation
Otherwise
1
Else
Code Violation
where
PIP
PHY Indicate Parity bit ODD parity
PIC
PHY Indicate Control bit
0eldata byte
1elcontrolmixed byte
PID(7 – 0) PHY Indicate Data(7 – 0)
P
represents ODD Parity (EP is Bad Parity)
x –
represents a don’t care and is not decoded
representsa1or0but not both
The PLAYER device aligns the received JK to a byte boundary Thus no provision is made in the internal code or by the Ring
Engine for off boundary JKs
The Idle and PH
Invalid encodings overlap Idle symbols received while the PLAYER device is in Active Line State (ALS) or Idle
Line State (ILS) are not considered PH
INVALID Idle symbols received while the PLAYER device is in states other than ALS or
ILS are treated as PH
Invalid
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com