Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 24Page - National Semiconductor (TI) DP83261 Datasheet HTML 25Page - National Semiconductor (TI) DP83261 Datasheet HTML 26Page - National Semiconductor (TI) DP83261 Datasheet HTML 27Page - National Semiconductor (TI) DP83261 Datasheet HTML 28Page - National Semiconductor (TI) DP83261 Datasheet HTML 29Page - National Semiconductor (TI) DP83261 Datasheet HTML 30Page - National Semiconductor (TI) DP83261 Datasheet HTML 31Page - National Semiconductor (TI) DP83261 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
60 Control Information (Continued)
Option Register (Option)
The Ring Engine supports several options These options are typically static during operation but may be altered during
operation This register is initialized to Zero after a master reset
ACCESS RULES
Address
Read
Write
01h
Always
Always
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
ITC
EMIND
IFCS
IRPT
IRR
ITR
ELA
ESA
Bit
Symbol
Description
D0
ESA
Enable Short Addressing
Enables the setting of A
Flag on matches of received Short Destination
Addresses with MSA Enables the setting of M
Flag and stripping on matches of received Short Source
Addresses with MSA
Permits transmission of frames with Short Addresses Frames with Short Addresses can be transmitted when
Short Addressing is not enabled if the SA Transparency option is selected
Void frames are sent with the Short Address if ESA is set to One If ESA is Zero and ELA is One Void frames
are sent with the Long Address
When both the ESA and ELA bits are Zero the ring is effectively interrupted at this station The token capture
process and Error Recovery logic are suspended and no frames are repeated Immediate requests are
serviced if the SA Transparency option is selected
D1
ELA
Enable Long Addressing
Enables the setting of A
Flag on matches of received Long Destination
Addresses with MLA Enables the setting of M
Flag and stripping on matches of received Long Source
Address with MLA
Permits transmission of frames with Long Addresses Frames with long addresses can be transmitted when
long addressing is not enabled if the SA transparency option is selected
Claim and Beacon frames are sent with the Long Address if ELA is One If ELA is Zero and ESA is One Claim
and Beacon frames are sent with the Short Address
When both ESA and ELA are Zero the ring is effectively interrupted at this station The token capture process
and Error Recovery logic are suspended and no frames are repeated Immediate requests are serviced if the
SA Transparency option is selected
D2
ITR
Inhibit Token Release
When bit ITR is set to One the station will not issue a token after winning the Claim
Process The station remains in the Claim state while the station’s Claim frames are returning to the station
and it has won the Claim Process At this point the station is in control of the ring as long as no Higher
Claim
or Beacon frames are received
While in control of the ring the station may transmit special Claim or Management frames for a variety of
implementation specific purposes For example the station might send out a Claim frame with a unique
identifier to make sure that another station with its address and TREQ is not also Claiming
D3
IRR
Inhibit Recovery Required
When bit IRR is set to One the Ring Engine does not take the transitions into the
Claim state (T4) This option inhibits all the recovery required transitions as defined in the FDDI MAC Standard
This bit does not inhibit entry to the Claim state on a Claim Request generated at the MAC Request Interface
via the Function Register
This option can be used to guarantee that implementation specific Beacon frames will be transmitted from the
Beacon state It is also useful in systems where Local Address Administration is used to prohibit stations with
the Null Address (or any address) from Claiming The option could also be used to enable the use of the Ring
Engine in full duplex applications (in conjunction with the Inhibit Repeat option) to disable the recovery timers
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com