Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 49Page - National Semiconductor (TI) DP83261 Datasheet HTML 50Page - National Semiconductor (TI) DP83261 Datasheet HTML 51Page - National Semiconductor (TI) DP83261 Datasheet HTML 52Page - National Semiconductor (TI) DP83261 Datasheet HTML 53Page - National Semiconductor (TI) DP83261 Datasheet HTML 54Page - National Semiconductor (TI) DP83261 Datasheet HTML 55Page - National Semiconductor (TI) DP83261 Datasheet HTML 56Page - National Semiconductor (TI) DP83261 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 132 page
background image
60 Control Information (Continued)
Group Short Address
Group Short Address (GSA0) represents the station’s short 16-bit address bit GSA(15) to bit GSA(8)
It is possible to disable Short Group Addressing by programming bits GSA(14 – 8) to all Ones
ACCESS RULES
Address
Read
Write
4Eh
Stop Mode
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
GSA4
GSA(15)
GSA(14)
GSA(13)
GSA(12)
GSA(11)
GSA(10)
GSA(9)
GSA(8)
Design Note
GSA(15) is not used in the comparison since the comparison will only be accomplished if the received DA(15) is a One
Fixed Group Address MAP (FGM0 – FGM1)
If the first 44 bits of a long DA DA(47 – 4) or if the first 12 bits of a short DA DA(15 – 4) are 1 the last 4 bits of the DA DA(3 – 0)
are used as an index into FGM
The 4-bit index into FGM can be viewed in two different ways It can be viewed as 4 bits selecting one of 16 bits where the
hexidecimal equivalent of DA(3 – 0) can be used as the index For example the broadcast address would index FGM(F) Alterna-
tively it can be viewed as one bit DA(3) selecting the byte (FGM0 or FGM1) and three bits DA(2 – 0) selecting one of 8 bits
within a byte
ACCESS RULES
Address
Read
Write
58 – 59h
Stop Mode
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
FGM0
FGM(7)
FGM(6)
FGM(5)
FGM(4)
FGM(3)
FGM(2)
FGM(1)
FGM(0)
FGM1
FGM(F)
FGM(E)
FGM(D)
FGM(C)
FGM(B)
FGM(A)
FGM(9)
FGM(8)
Note
Bit FGM(F) must be set to One to ensure proper handling of frames with the UniversalBroadcast address including the SMT NSA frames This is mandatory
for interoperability on an FDDI Ring
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com