Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 71Page - National Semiconductor (TI) DP83261 Datasheet HTML 72Page - National Semiconductor (TI) DP83261 Datasheet HTML 73Page - National Semiconductor (TI) DP83261 Datasheet HTML 74Page - National Semiconductor (TI) DP83261 Datasheet HTML 75Page - National Semiconductor (TI) DP83261 Datasheet HTML 76Page - National Semiconductor (TI) DP83261 Datasheet HTML 77Page - National Semiconductor (TI) DP83261 Datasheet HTML 78Page - National Semiconductor (TI) DP83261 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 132 page
background image
70 Signal Descriptions (Continued)
73 MAC INDICATION INTERFACE
The MAC Indication Interface provides a delayed version of the byte stream presented to the Ring Engine at the PHY Indication
Interface Every byte of all incoming frames is presented at the MAC Indication Interface Every byte time (80 ns) one byte of
data with Odd parity is presented at the MAC Indication Interface This byte stream is interpreted by the system interface logic
using the control signals that are provided in parallel with the byte stream These control signals are used to determine frame
boundaries in the byte stream determine whether or not to (continue to) copy a frame and to provide status on received PDUs
In the following sections an overview of the signals is provided (Section 731) as well as a detailed explanation (Section 732)
with several example timing scenarios (Section 733)
731 Overview
The MAC Indication Interface is divided into one group of data signals and five groups of control signals
The data signals consist of the 8 bits of MAC Indicate Data (MID) with parity
The control signals consist of 5 groups
 PDU Sequencing to aid in delimiting PDUs from the byte stream and sequencing through fields in the received PDUs
 PDU Flags to aid in the decision of whether or not to continue to copy a PDU
 Termination Event to determine when and how a PDU terminated
 Termination Status to provide status on received frames
 External Flags to allow external address comparison and copy information to be conveyed back to the Ring Engine
The PDU Sequencing signals are asserted at different points within a PDU
RCSTART when the Starting Delimiter is present on MID
FCRCVD
when the Frame Control Field is on MID
DARCVD
when the last byte of the DA is on MID until the next Starting Delimiter
SARCVD
when the last byte of the SA is on MID until the next Starting Delimiter
INFORCVD when the fourth byte of the info field is on MID until the next Starting Delimiter
Not all of the sequencing signals would be used in a typical implementation
The PDU Flags provide the input for potential copy criteria and status breakpoints The results of the comparisons between the
station’s long or short address and the frame’s source and destination addresses are provided in the AFLAG and MFLAG
signals The sequencing information is used to determine when this information is valid Since the Ring Engine is capable of
accomplishing four internal comparisons on any given frame two signals give the internal comparison that was accomplished
AFLAG
Internal DA Match There are actually four AFLAGs as determined by the two signals FCSLShortLong DAIG
IndividualGroup Valid with DARCVD
MFLAG
Internal SA Match There are actually two MFLAGs as determined by the values of FCSL Valid with SARCVD
SAMESA
SA same as in previous frame Valid with SARCVD on Non-MAC frames Can be used by external logic to batch
status or reduce the number of interrupts when multiple frames are received from the same station
SAMEINFO First four bytes of Info same as in previous frame Valid with INFORCVD on MAC frames Can be used to inhibit
copying of identical MAC frames
No temporary buffering is provided in the Ring Engine The system interface must provide this buffering while the decision is
made on whether or not to continue to copy the frame
Termination Event
One of these signals is asserted at the end of every PDU
EDRCVD
when the Ending Delimiter is on MID until the end of the Frame Status (typically asserted for two byte times)
TKRCVD
when the Ending Delimiter of a token is on MID
FRSTRP
when the first Idle byte of a stripped frame is on MID
FOERROR when the byte with the format error is on MID
MACRST
when a MACRST occurs or Ring Engine in Stop Mode
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com