Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 42Page - National Semiconductor (TI) DP83261 Datasheet HTML 43Page - National Semiconductor (TI) DP83261 Datasheet HTML 44Page - National Semiconductor (TI) DP83261 Datasheet HTML 45Page - National Semiconductor (TI) DP83261 Datasheet HTML 46Page - National Semiconductor (TI) DP83261 Datasheet HTML 47Page - National Semiconductor (TI) DP83261 Datasheet HTML 48Page - National Semiconductor (TI) DP83261 Datasheet HTML 49Page - National Semiconductor (TI) DP83261 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 132 page
background image
60 Control Information (Continued)
Internal Event Latch Register (IELR)
The Internal Event Latch Register (IELR) reports internal errors in the BMAC device These errors include MAC Parity errors and
inconsistencies in the Receiver and Transmitter state machines
After an internal state machine is detected and reported (bit RSMERR for the receiver and TSMERR for the transmitter) the
Current Receive Status Register (CRS0) and Current Transmit Status Register (CTS0) continue to be updated as normal
Errors internal to the BMAC device cause a MAC
Reset
ACCESS RULES
Address
Read
Write
28h
Always
Condition
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
RES
RES
TSMERR
RSMERR
RES
MPE
Bit
Symbol
Description
D0
MPE
MAC Interface Parity Error
Indicates a Parity Error on the MAC Request Data pins (MRD7 – 0) when
parity is enabled on the MA
Request Interface (bits MRP of the Mode Register is set and pin TXACK is
asserted)
D1
RES
Reserved
D2
RSMERR
Receive State Machine Error
Indicates inconsistency in the Receiver state machine When set causes
bit MCRST of the Function Register to be set
D3
TSMERR
Transmit State Machine Error
Indicates inconsistency in the Transmitter state machine When set
causes bit MCRST of the Function Register to be set
D4 – 7
RES
Reserved
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com