Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 31Page - National Semiconductor (TI) DP83261 Datasheet HTML 32Page - National Semiconductor (TI) DP83261 Datasheet HTML 33Page - National Semiconductor (TI) DP83261 Datasheet HTML 34Page - National Semiconductor (TI) DP83261 Datasheet HTML 35Page - National Semiconductor (TI) DP83261 Datasheet HTML 36Page - National Semiconductor (TI) DP83261 Datasheet HTML 37Page - National Semiconductor (TI) DP83261 Datasheet HTML 38Page - National Semiconductor (TI) DP83261 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 132 page
background image
60 Control Information (Continued)
Current Transmitter Status Register (CTS0)
The Current Transmitter Status Register (CTS0) records the status of the Transmitter state machine It is continuously updated
It remains stable when accessed When in Diagnose Mode this register is frozen on an internal error until the internal error
event is cleared by resetting the TSMERR bit of the Internal Event Latch Register
ACCESS RULES
Address
Read
Write
0Eh
Always
Data Ignored
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
ROP
TS2
TS1
TS0
TTS3
TTS2
TTS1
TTS0
Bit
Symbol
Description
D0 – 3
TTS(0 – 3)
TRANSMIT TIMING STATE
TTS(0 – 3) represent the current state of the Transmitter
Timing state machine The encoding is shown below
TTS3
TTS2
TTS1
TTS0
Transmit Timing State
0
0
0
0
Idle
0
0
0
1
Transmit Preamble
0
0
1
0
Wait for Data (FIFO)
0
0
1
1
Transmit SD
FC Fields
0
1
0
0
Transmit DA
0
1
0
1
Transmit SA
0
1
1
0
Transmit INFO
0
1
1
1
Transmit FCS
1
0
0
0
Transmit ED
FS
9h – Fh
Reserved
D4–6
TS(0–2)
Transmit State
TS(0 – 2) represent the current state of the Transmit state machine that
implements the ANSI standard MAC Transmit Functions The encoding is shown below
TS2
TS1
TS0
Transmit State
0
0
0
Idle
0
0
1
Repeat
0
1
0
Data
0
1
1
Issue Token
1
0
0
Claim
1
0
1
Beacon
1
1
0
Reserved
1
1
1
Void
D7
ROP
Ring Operational Flag
Indicates the current value of the local Ring Operational Flag
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com