Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 21Page - National Semiconductor (TI) DP83261 Datasheet HTML 22Page - National Semiconductor (TI) DP83261 Datasheet HTML 23Page - National Semiconductor (TI) DP83261 Datasheet HTML 24Page - National Semiconductor (TI) DP83261 Datasheet HTML 25Page - National Semiconductor (TI) DP83261 Datasheet HTML 26Page - National Semiconductor (TI) DP83261 Datasheet HTML 27Page - National Semiconductor (TI) DP83261 Datasheet HTML 28Page - National Semiconductor (TI) DP83261 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 132 page
background image
60 Control Information (Continued)
TABLE 6-4 MAC Parameter RAM
Address
Name
Register
Contents
40
MLA0
MLA(47 – 40)
41
MLA1
MLA(39 – 32)
42
MLA2
MLA(31 – 24)
43
MLA3
MLA(23-16)
44
MLA4
MLA(15 – 8)
45
MLA5
MLA(7 – 0)
46
MSA0
MSA(15 – 8)
47
MSA1
MSA(7 – 0)
48
GLA0
GLA(47 – 40)
49
GLA1
GLA(39 – 32)
4A
GLA2
GLA(31 – 24)
4B
GLA3
GLA(23 – 16)
4C
GLA4
GLA(15 – 8)
4D
Reserved
4E
GSA0
GSA(15 – 8)
4F
Reserved
50
TREQ0
TREQ(31 – 24)
51
TREQ1
TREQ(23 – 16)
52
TREQ2
TREQ(15 – 8)
53
TREQ3
TREQ(7 – 0)
54
TBT0
TBT(31 – 24)
55
TBT1
TBT(23 – 16)
56
TBT2
TBT(15 – 8)
57
TBT3
TBT(7 – 0)
58
FGM0
FGM(7 – 0)
59
FGM1
FGM(F – 8)
5A – 5F
RES
Reserved
Note
The MAC Parameter RAM is accessible in Stop mode and in RUN
mode while the MAC Transmitter is in the states T0T1 or T3 OptionITC and
OptionIRR are set and FunctionBCN and FunctionCLM are not set Other-
wise a command reject is given (ESRCCE) and the Parameter RAM will not
be read or written
TABLE 6-4 MAC Parameter RAM
(Continued)
Address
Name
Register
Contents
60
PGM10
PGM(87 – 80)
61
PGM11
PGM(8F – 88)
62
PGM12
PGM(97 – 90)
63
PGM13
PGM(9F – 98)
64
PGM14
PGM(A7 – A0)
65
PGM15
PGM(AF – A8)
66
PGM16
PGM(B7 – B0)
67
PGM17
PGM(BF – B8)
68
PGM18
PGM(C7 – C0)
69
PGM19
PGM(CF – C8)
6A
PGM1A
PGM(D7 – D0)
6B
PGM1B
PGM(DF – D8)
6C
PGM1C
PGM(E7 – E0)
6D
PGM1D
PGM(EF – E8)
6E
PGM1E
PGM(F7 – F0)
6F
PGM1F
PGM(FF – F8)
70
PGM0
PGM(7 – 0)
71
PGM1
PGM(F – 8)
72
PGM2
PGM(17 – 10)
73
PGM3
PGM(1F – 18)
74
PGM4
PGM(27 – 20)
75
PGM5
PGM(2F – 28)
76
PGM6
PGM(37 – 30)
77
PGM7
PGM(3F – 38)
78
PGM8
PGM(47 – 40)
79
PGM9
PGM(4F – 48)
7A
PGMA
PGM(57 – 50)
7B
PGMB
PGM(5F – 58)
7C
PGMC
PGM(67 – 60)
7D
PGMD
PGM(6F – 68)
7E
PGME
PGM(77 – 70)
7F
PGMF
PGM(7F – 78)
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com