Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 47Page - National Semiconductor (TI) DP83261 Datasheet HTML 48Page - National Semiconductor (TI) DP83261 Datasheet HTML 49Page - National Semiconductor (TI) DP83261 Datasheet HTML 50Page - National Semiconductor (TI) DP83261 Datasheet HTML 51Page - National Semiconductor (TI) DP83261 Datasheet HTML 52Page - National Semiconductor (TI) DP83261 Datasheet HTML 53Page - National Semiconductor (TI) DP83261 Datasheet HTML 54Page - National Semiconductor (TI) DP83261 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 132 page
background image
60 Control Information (Continued)
65 MAC PARAMETERS
The MAC Parameters are accessible in the Stop Mode These parameters are also accessible in the Run Mode when the
following conditions are met
a) the MAC Transmitter is in state T0 T1 or T3 and
b) bits ITC and IRR of the Option Register are set to One and
c) bits CLM and BCN of the Function Register are set to Zero
Otherwise read and write accesses will cause a command error (bit CCE of the Exception Status Register is set to One) and the
access will not be performed
The MAC Parameters are stored in the MAC Parameter RAM They include the following control information
 Individual Addresses My Long Address (MLA0–5) and My Short Address (MSA0–1)
 Group Addresses Group Long Address (GLA0–4) and Group Short Address (GSA0) Programmable Group Map
(PGM0 – 1F) and Fixed Group Map (FGM0 – 1)
 MAC Frame Information Requested Target Token Rotation Time (TREQ0–3) and Transmit Beacon Type (TBT0–3)
651 Individual Addresses
The Ring Engine supports both Long and Short Individual Addresses simultaneously The Station’s Long Address is stored in
registers MLA0 – 5 The Station’s Short Address is stored in register MSA0 – 1
For received frames MLA or MSA is compared with the received DA in order to set the Address recognized Flag (A Flag) and
compared with the received SA in order to set the My Address recognized Flag (M Flag) In transmitted frames MLA or MSA
normally replaces the SA from the frame data stream (exception when SA transparency is used)
Bits MLA(47) and MSA(15) are the most significant bits of the address and are transmitted and received first Bits MLA(0) and
MSA(0) are the least significant bits of the address and are transmitted and received last
MLA and MSA should be valid for at least 12 byte times before the Addressing Mode is enabled and should remain valid for at
least 12 byte times after the Addressing Mode is disabled in order to guarantee proper detection
Bits ELA (Enable Long Addressing) and ESA (Enable Short Addressing) in the Option Register determine the address types that
may be recognized and generated by this MAC
My Long Address
My Long Address (MLA0 – MLA5) represent this station’s long 48-bit address
ACCESS RULES
Address
Read
Write
40 – 45h
Stop Mode
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
MLA0
MLA(47)
MLA(46)
MLA(45)
MLA(44)
MLA(43)
MLA(42)
MLA(41)
MLA(40)
MLA1
MLA(39)
MLA(38)
MLA(37)
MLA(36)
MLA(35)
MLA(34)
MLA(33)
MLA(32)
MLA2
MLA(31)
MLA(30)
MLA(29)
MLA(28)
MLA(27)
MLA(26)
MLA(25)
MLA(24)
MLA3
MLA(23)
MLA(22)
MLA(21)
MLA(20)
MLA(19)
MLA(18)
MLA(17)
MLA(16)
MLA4
MLA(15)
MLA(14)
MLA(13)
MLA(12)
MLA(11)
MLA(10)
MLA(9)
MLA(8)
MLA5
MLA(7)
MLA(6)
MLA(5)
MLA(4)
MLA(3)
MLA(2)
MLA(1)
MLA(0)
Note
MLA(47) should always be set to 0
My Short Address
My Short Address (MSA0 – MSA1) represent this station’s short 16-bit address
ACCESS RULES
Address
Read
Write
46 – 47h
Stop Mode
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
MSA0
MSA(15)
MSA(14)
MSA(13)
MSA(12)
MSA(11)
MSA(10)
MSA(9)
MSA(8)
MSA1
MSA(7)
MSA(6)
MSA(5)
MSA(4)
MSA(3)
MSA(2)
MSA(1)
MSA(0)
Note
MSA(15) should always be set to 0
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com