Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 62Page - National Semiconductor (TI) DP83261 Datasheet HTML 63Page - National Semiconductor (TI) DP83261 Datasheet HTML 64Page - National Semiconductor (TI) DP83261 Datasheet HTML 65Page - National Semiconductor (TI) DP83261 Datasheet HTML 66Page - National Semiconductor (TI) DP83261 Datasheet HTML 67Page - National Semiconductor (TI) DP83261 Datasheet HTML 68Page - National Semiconductor (TI) DP83261 Datasheet HTML 69Page - National Semiconductor (TI) DP83261 Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 132 page
background image
60 Control Information (Continued)
Frame Not Copied Counter (FNCT)
The Frame Not Copied Counter (FNCT) maintains a count of the number of frames intended for this station that were not
successfully copied by this station This count can be used to accumulate station performance statistics such as insufficient
buffering or deficient frame processing capabilities for frames addressed to this station
The Frame Not Copied Counter is incremented when an internal or external match (when OptionEMIND enabled) occurs on the
Destination Address no errors were detected in the frame and the frame was not successfully copied (VCOPY signal not
asserted) Not Copied MAC frames and Void frames are not included in this count
Interrupts are available on increment (CILRFRNCOP) and when the 20-bit counter overflows and wraps around (COLRFRN-
COP)
ACCESS RULES
Address
Read
Write
B0 – B3h
Always
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
FNCT0
Zero
Zero
Zero
Zero
Zero
Zero
Zero
Zero
FNCT1
Zero
Zero
Zero
Zero
CT(19)
CT(18)
CT(17)
CT(16)
FNCT2
CT(15)
CT(14)
CT(13)
CT(12)
CT(11)
CT(10)
CT(9)
CT(8)
FNCT3
CT(7)
CT(6)
CT(5)
CT(4)
CT(3)
CT(2)
CT(1)
CT(0)
In REV 1 of the BMAC device the Frame Not Copied Counter does increment for all NSA frames received with the A indicator
as an S symbol if it was copied or not This will result in higher than expected values in the Not Copied Counter To obtain a
more accurate value with REV 1 of the BMAC device the number of copied NSA frames received with the A Indicator set should
be subtracted from the value in the Not Copied Counter
In subsequent revisions of the BMAC device NSA frames received with the A Indicator as S that are not copied will not be
counted
In REV 2 the handling of SMT NSA has been modified in accordance with the MAC-2 Draft Standard For SMT NSA frames the
Frame Not Copied Count only increments for NSA frames received with the A Indicator as an R symbol for which the frame was
not copied SMT NSA frames received with the A Indicator as an S do not cause this count to increment even if the frame is not
successfully copied Group addressed frames transmitted by this station and recognized by this station that are not copied will
also cause this counter to increment
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com