Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 20Page - National Semiconductor (TI) DP83261 Datasheet HTML 21Page - National Semiconductor (TI) DP83261 Datasheet HTML 22Page - National Semiconductor (TI) DP83261 Datasheet HTML 23Page - National Semiconductor (TI) DP83261 Datasheet HTML 24Page - National Semiconductor (TI) DP83261 Datasheet HTML 25Page - National Semiconductor (TI) DP83261 Datasheet HTML 26Page - National Semiconductor (TI) DP83261 Datasheet HTML 27Page - National Semiconductor (TI) DP83261 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 132 page
background image
60 Control Information (Continued)
TABLE 6-3 Event Registers
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
Read
Write
8
CMP
CMP(7 – 0)
Always
Always
9 – B
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
C
CRS0
RFLG
RS2
RS1
RS0
RES
RTS2
RTS1
RTS0
Always
Ignore
D
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
E
CTS0
ROP
TS2
TS1
TS0
TTS3
TTS2
TTS1
TTS0
Always
Ignore
F
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
10
RELR0
RES
DUP
PINV
OTR
CLMR
BCNR
RNOP
ROP
Always
Condition
ADD
MAC
11
REMR0
RES
DUP
PINV
OTR
CLMR
BCNR
RNOP
ROP
Always
Always
ADD
MAC
12
RELR1
LOCLM
HICLM
MYCLM
RES
RES
RES
MYBCN
OTRBCN
Always
Condition
13
REMR1
LOCLM
HICLM
MYCLM
RES
RES
RES
MYBCN
OTRBCN
Always
Always
14
TELR0
RLVD
TKPASS
TKCAPT
CBERR
DUPTKR
TRTEXP
TVXEXP
ENTRMD
Always
Condition
15
TEMR0
RLVD
TKPASS
TKCAPT
CBERR
DUPTKR
TRTEXP
TVXEXP
ENTRMD
Always
Always
16 – 17
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
18
CILR
RES
TK
FR
FR
FR
FR
FREI
FR
Always
Condition
RCVD
TRX
NCOP
COP
LST
RCV
19
CIMR
RES
TK
FR
FR
FR
FR
FREI
FR
Always
Always
RCVD
TRX
NCOP
COP
LST
RCV
1A – 1B
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
1C
COLR
RES
TK
FR
FR
FR
FR
FREI
FR
Always
Condition
RCVD
TRX
NCOP
COP
LST
RCV
1D
COMR
RES
TK
FR
FR
FR
FR
FREI
FR
Always
Always
RCVD
TRX
NCOP
COP
LST
RCV
1E – 27
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
28
IELR
RES
RES
RES
RES
TSM
RSM
RES
MPE
Always
Condition
ERR
ERR
29 – 2B
Reserved
RES
RES
RES
RES
RES
RES
RES
RES
NA
NA
2C
ESR
CWI
CCE
CPE
RES
RES
RES
RES
PPE
Always
Condition
2D
EMR
ZERO
CCE
CPE
RES
RES
RES
RES
PPE
Always
Always
2E
ICR
ESE
IERR
RES
RES
COE
CIE
TTE
RNG
Always
Ignore
2F
IMR
ESE
IER
RES
RES
COE
CIE
TTE
RNG
Always
Always
Note 1
Attempts to access reserved locations will result in Command Rejects (ESRCCE set to ONE)
Note 2
Bits in the conditional write registers are only written when the corresponding bit in the Compare Register is equal to the bit to be overwritten and the bit is
not changing in that cycle
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com