| Electronic Components Datasheet Search |
|
DP83261 Datasheet(PDF) 100 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83261 Datasheet(HTML) 100 Page - National Semiconductor (TI) |
|
100 / 132 page ![]() 70 Signal Descriptions (Continued) If RQRCLS remained asserted the token would be held as long as possible and multiple frames could be transmitted In this case the uTXRDY x uRQSEND x v TXRDY x vRQSEND handshake for the beginning of each frame remains identical Single Frame Transmission without Prestaging In Figure 7-14 prestaging is not used Multiple requests are present at the interface of which only the highest priority request is presented to the interface RQRCLS is changing because higher priority requests become ready to be serv- iced The scheduling decision is made until a Service Op- portunity occurs Once TXRDY is asserted RQRDY is as- serted and the r6 request is serviced When the data associated with r6 is ready to be transmitted RQSEND is asserted This in turn causes TXRDY to be deasserted when transmission begins (entrance to MR2) The deassertion of TXRDY causes RQSEND to be deas- serted During the first frame of the request the end of Service Opportunity condition becomes true as a result of THT reaching the THT priority threshold if the request was an asynchronous priority request THT expiration if the request was an asynchronous re- quest or TRT expiration if the request was a synchronous request TXPASS is asserted to indicate that this Service Opportunity is complete If RQRCLS remains greater than 0 the next usable token will be captured and servicing of the request will continue If RQRCLS remained asserted the token would be held as long as possible and multiple frames could be transmitted In this case the uTXRDYxuRQSENDx vTXRDYxvRQSEND handshake for the beginning of each frame remains identical Aborted Frame Transmission A transmission as in Figure 7-14 is started During the trans- mission an interface error occurs (for example) and RQABT is asserted to cause the current frame to be aborted (see Figure 7-15 ) TXACK is then deasserted and TXABORT is asserted to indicate that the frame was aborted as a result of a FIFO underrun or an equivalent reason This is signaled with RQABT After the frame is aborted TXRDY is asserted to indicate that another frame may be transmitted Since no frames are ready to be transmitted a Void fill frame is trans- mitted During the Void frame transmission the interface then sets RQRCLS to zero to indicate that the Token should be issued TXPASS is then asserted once the Ending Delim- iter of the Void frame is transmitted In this scenario the transmitted Void frame serves two pur- poses It is transmitted because the interface was stalling waiting for another frame and also in response to the abort- ed frame A Void frame is transmitted every time a transmis- sion is aborted MAC Reset In Figure 7-16 a MAC reset occurs during a frame transmis- sion This causes the current frame to be aborted and the Ring Operational Flag (TXRINGOP) to be deasserted TXPASS is asserted with TXABORT after the frame is abort- ed Since the ring is not operational no Void frames are transmitted In Figure 7-16 the MAC Reset occurs while the Ending Del- imiter is being transmitted In Figure 7-17 the boundary case is shown where the MAC Reset occurs during the Frame Status Note that the Ending Delimiter of the frame is trans- mitted with the frame status TXRDY is asserted for one cycle followed by TXPASS with TXABORT Synchronous Request followed by Asynchronous Request In Figure 7-18 frames from two requests are serviced on the same Service Opportunity Once the synchronous frame is being transmitted the RQRCLS is changed to that for the asynchronous frame At the end of the synchronous frame TXRDY is asserted since the token is still usable for the asynchronous request RQRDY is then asserted and the Asynchronous frame is then transmitted Notice that the value of THTDIS changes after the Frame Status for the synchronous frame is transmitted THT is dis- abled for synchronous transmission and enabled for normal asynchronous transmission Restricted Begin In Figure 7-19 a restricted dialogue is begun A non-restrict- ed Token is captured a single frame is transmitted and a Restricted Token is issued An Rbeg Request is a request to capture a Non-restricted Token and issue a Restricted Token Since there is only one frame in this example RQFINAL is asserted during the first frame In the example RQFINAL is asserted one byte time after RQSEND is deasserted while RQRDY is still asserted but it may be asserted anytime while RQRDY is asserted Notice that TXCLASS changes to restricted after RQFINAL is asserted Immediate Claim In Figure 7-20 an immediate Claim frame is transmitted from the Claim state A Lower Claim frame is received from an upstream station causing this station to enter its Claim state and deassert TXRINGOPRQRCLS is set to immediate and RQCLM is as- serted An internally generated Claim frame is first transmitted (at least one internally generated Claim or Beacon frame is al- ways transmitted upon entry to the Claim or Beacon state) After the internally generated Claim frame is transmitted TXRDY is asserted since the transmitter is still in the Claim state (the ring can hold more than one Claim frame) The frame is then transmitted following the normal handshake Similar timing applies for externally generated Beacon frames Remember that for Immediate Requests from the Claim and Beacon States RQSEND must be asserted no later than 8 byte times after TXRDY is asserted This guarantees that a minimum size preamble will be generated After the frame is transmitted TXRDY is asserted again since the transmitter is still in the Claim state If this station wins the Claim Process TXPASS is asserted without TXABORT If another station causes this station to backoff (this station receives a Higher Claim) TXPASS is asserted with TXABORT 100 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |