Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 61Page - National Semiconductor (TI) DP83261 Datasheet HTML 62Page - National Semiconductor (TI) DP83261 Datasheet HTML 63Page - National Semiconductor (TI) DP83261 Datasheet HTML 64Page - National Semiconductor (TI) DP83261 Datasheet HTML 65Page - National Semiconductor (TI) DP83261 Datasheet HTML 66Page - National Semiconductor (TI) DP83261 Datasheet HTML 67Page - National Semiconductor (TI) DP83261 Datasheet HTML 68Page - National Semiconductor (TI) DP83261 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 132 page
background image
60 Control Information (Continued)
Frame Copied Counter (FCCT)
The Frame Copied Counter (FCCT) maintains the count of the number of frames successfully copied by this station This
counter can be used to accumulate station performance statistics
The Frame Copied Counter is incremented when an internal or external match occurs on the Destination Address no errors
were detected in the frame and the frame was successfully copied (VCOPY signal is asserted) Copied MAC and Void frames
are not included in this count
For SMT NSA frames the Frame Copied Count only increments for NSA frames received with the A Indicator as an R symbol for
which the frame was copied SMT NSA frames received with the A Indicator as an S do not cause this count to increment even
if the frame is successfully copied
Increments are available on increment (CILRFRCOP) and when the 20-bit counter overflows and wraps around (COLRFRC-
OP)
ACCESS RULES
Address
Read
Write
AC – AFh
Always
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
FCCT0
Zero
Zero
Zero
Zero
Zero
Zero
Zero
Zero
FCCT1
Zero
Zero
Zero
Zero
CT(19)
CT(18)
CT(17)
CT(16)
FCCT2
CT(15)
CT(14)
CT(13)
CT(12)
CT(11)
CT(10)
CT(9)
CT(8)
FCCT3
CT(7)
CT(6)
CT(5)
CT(4)
CT(3)
CT(2)
CT(1)
CT(0)
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com