Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 40Page - National Semiconductor (TI) DP83261 Datasheet HTML 41Page - National Semiconductor (TI) DP83261 Datasheet HTML 42Page - National Semiconductor (TI) DP83261 Datasheet HTML 43Page - National Semiconductor (TI) DP83261 Datasheet HTML 44Page - National Semiconductor (TI) DP83261 Datasheet HTML 45Page - National Semiconductor (TI) DP83261 Datasheet HTML 46Page - National Semiconductor (TI) DP83261 Datasheet HTML 47Page - National Semiconductor (TI) DP83261 Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
60 Control Information (Continued)
Counter Overflow Latch Register (COLR)
The Counter Overflow Latch Register (COLR) records carry events from the 20th bit of the Event Counters Each bit in the
COLR corresponds to an individual counter Each bit may be masked via the Counter Overflow Mask Register (COMR)
ACCESS RULES
Address
Read
Write
1Ch
Always
Condition
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
RES
TKRCVD
FRTRX
FRNCOP
FRCOP
FRLST
FREI
FRRCV
Bit
Symbol
Description
D0
FRRCV
Frame Received
Is set to One when the Frame Received Counter (FRCT) overflows
D1
FREI
Frame Error Isolated
Is set to One when the Error Isolated Counter (EICT) overflows
D2
FRLST
Frame Lost Isolated
Is set to One when the Lost Frame Counter (LFCT) overflows
D3
FRCOP
Frame Copied
Is set to One when the Frame Copied Counter (FCCT) overflows
D4
FRNCOP
Frame Not Copied
Is set to One when the Frame Not Copied Counter (FNCT) overflows
D5
FRTRX
Frame Transmitted
Is set to One when the Frame Transmitted Counter (FTCT) overflows
D6
TKRCVD
Token Received
Is set to One when the Token Received Counter (TKCT) overflows
D7
RES
Reserved
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com