Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 55Page - National Semiconductor (TI) DP83261 Datasheet HTML 56Page - National Semiconductor (TI) DP83261 Datasheet HTML 57Page - National Semiconductor (TI) DP83261 Datasheet HTML 58Page - National Semiconductor (TI) DP83261 Datasheet HTML 59Page - National Semiconductor (TI) DP83261 Datasheet HTML 60Page - National Semiconductor (TI) DP83261 Datasheet HTML 61Page - National Semiconductor (TI) DP83261 Datasheet HTML 62Page - National Semiconductor (TI) DP83261 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 132 page
background image
60 Control Information (Continued)
Valid Transmission Time (TVX)
The Valid Transmission Timer (TVX) is used to increase the responsiveness of the ring to errors that cause ring recovery The
TVX value denotes the maximum time in which a valid frame or token should be seen by this station TVX is stored as a 4-bit
value that is expanded to a binary exponential value Bits 7 – 4 are ignored during write operations and read as Zero
TVX has a maximum value of 134 seconds with a threshold of 4096 X 2TVX ms On a Master Reset (FunctionMARST is set to
One) TVX is set to the value of 6h which corresponds to 262 ms the default by the FDDI MAC Standard
ACCESS RULES
Address
Read
Write
97h
Always
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
TVX
Zero
Zero
Zero
Zero
TVX(3)
TVX(2)
TVX(1)
TVX(0)
TVX(0 – 3)
Time
0
4096 ms
1
8192 ms
2
16384 ms
3
32768 ms
4
65536 ms
5
13107 ms
6
26214 ms (default)
7
52429 ms
8
10486 ms
9
20972 ms
A
41943 ms
B
83886 ms
C
16777 ms
D
33554 ms
E
67109 ms
F
13422s
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com