Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 8Page - National Semiconductor (TI) DP83261 Datasheet HTML 9Page - National Semiconductor (TI) DP83261 Datasheet HTML 10Page - National Semiconductor (TI) DP83261 Datasheet HTML 11Page - National Semiconductor (TI) DP83261 Datasheet HTML 12Page - National Semiconductor (TI) DP83261 Datasheet HTML 13Page - National Semiconductor (TI) DP83261 Datasheet HTML 14Page - National Semiconductor (TI) DP83261 Datasheet HTML 15Page - National Semiconductor (TI) DP83261 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 132 page
background image
40 FDDI MAC Facilities (Continued)
Beacon Frames
Beacon frames are transmitted continuously with minimum
preamble when the Ring Engine is in the Transmit Beacon
state The format of Beacon frames generated by the Ring
Engine is shown in Table 4-8 When long addressing is en-
abled frames with the long address are transmitted other-
wise frames with the short address are transmitted
When the Transmit Beacon State is entered from the Trans-
mit Claim State the first byte of the 4 byte TBT Field is
transmitted as Zero
Beacon frames that require alternative formats such as Di-
rected Beacons must be generated externally
The Ring Engine detects reception of valid Beacon frames
and distinguishes between Beacon frames transmitted by
this MAC (My
Beacon) and Beacon frames transmitted by
other stations (Other
Beacon) Details are given in Appen-
dix A
43 FRAME COUNTS
To aid in fault isolation and to enhance the management
capabilities of a ring the Ring Engine maintains several
frame counts The Error and Isolated frame counts incre-
ment when a frame is received with one or more errors that
were previously undetected The Ring Engine then corrects
the error such that a downstream station will not increment
its count
The size of the counters has been chosen such that minimal
software intervention is required even under marginal oper-
ating conditions
The following counts are maintained by the Ring Engine
FRCT
Frame Received
EICT
Error Isolated
LFCT
Lost Frame
FCCT
Frames Copied
FNCT
Frames Not Copied
FTCT
Frames Transmitted
431 Frame Received Count
The Frame Received Count (FRCT) is specified in the FDDI
MAC Standard and is the count of all complete frames re-
ceived This count includes frames stripped by this station
432 Error Isolated Count
The Error Isolated Count (EICT) is specified in the FDDI
MAC Standard and is the count of error frames detected by
this station and no previous station It increments when
1 An FCS error is detected and the received Error Indicator
(Er) is not equal to S
2 A frame of invalid length (ie off boundary T) is received
and Er is not equal to S
3 Er is not R or S
433 Lost Frame Count
The Lost Frame Count (LFCT) is specified in the FDDI MAC
Standard and is the count of all instances where a format
error is detected in a frame or token such that the credibility
of PDU reception is placed in doubt The Lost Frame Count
is incremented when any symbol other than data or Idle
symbols are received between the Starting and Ending Del-
imiters of a PDU (this includes parity errors)
434 Frame Copied Count
The Frames Copied Count (FCCT) is specified in the FDDI
MAC-2 Standard and is the count of the number of frames
copied by this station The count is incremented when an
internal or external match occurs (when OptionEMIND is
enabled) on the Destination Address no errors were detect-
ed in the frame and the frame was successfully copied
(VCOPY e 1) This can be used to accumulate station per-
formance statistics Frames copied promiscuously MAC
frames Void frames and NSA frames received with the A
indicator set are not included in this count
435 Frames Not Copied Count
The Frames Not Copied Count (FNCT) is specified in the
FDDI MAC-2 Standard and is the count of frames intended
for this station that were not successfully copied by this
station The count is incremented when an internal or exter-
nal (when OptionEMIND is enabled) Destination Address
match occurs no errors were detected in the frame and the
frame was not successfully copied (VCOPY e 0) This
count is an indication of insufficient buffering or frame pro-
cessing capability for frames addressed to the station MAC
frames Void frames and NSA frames received with the A
indicator set are not included in this count
436 Frames Transmitted Count
The Frames Transmitted Count (FTCT) is specified in the
FDDI MAC-2 Standard and is incremented every time a
complete frame is transmitted from the MAC Request Inter-
face The count is provided as an aid to accumulate station
performance statistics Void and MAC frames generated by
the Ring Engine are not included in the count
44 TIMERS
441 Token Rotation Timer
The Token Rotation Timer (TRT) times token rotations from
arrival to arrival TRT is used to control ring scheduling dur-
ing normal operation and to detect and recover from serious
ring error situations
TRT is loaded with the maximum token rotation time TMAX
when the ring is not operational TRT is loaded with the
negotiated Target Token Rotation Time TNEG when the
ring is operational
TABLE 4-8 Beacon Frames
Type
Enable
Size
SFS
FC
DA
SA
INFO
FCS
EFS
My
Beacon
Not ELA
Short
PA
SD
82
Null
MSA
TBT
FCS
TRRR
My
Beacon
ELA
Long
PA
SD
C2
Null
MLA
TBT
FCS
TRRR
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com