Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 39Page - National Semiconductor (TI) DP83261 Datasheet HTML 40Page - National Semiconductor (TI) DP83261 Datasheet HTML 41Page - National Semiconductor (TI) DP83261 Datasheet HTML 42Page - National Semiconductor (TI) DP83261 Datasheet HTML 43Page - National Semiconductor (TI) DP83261 Datasheet HTML 44Page - National Semiconductor (TI) DP83261 Datasheet HTML 45Page - National Semiconductor (TI) DP83261 Datasheet HTML 46Page - National Semiconductor (TI) DP83261 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 132 page
background image
60 Control Information (Continued)
Counter Increment Mask Register (CIMR)
The Counter Increment Mask Register (CIMR) is used to mask bits from the Counter Increment Latch Register (CILR) If a bit in
Register CIMR is set to One the corresponding bit in Register CILR will be applied to the Interrupt Condition Register which can
then be used to generate an interrupt
All bits in this register are set to Zero upon reset
ACCESS RULES
Address
Read
Write
19h
Always
Always
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
RES
TKRCVD
FRTRX
FRNCOP
FRCOP
FRLST
FREI
FRRCV
Bit
Symbol
Description
D0
FRRCV
Frame Received Counter Increment Mask
This bit is used to mask CILRFRRCV
D1
FREI
Error Isolated Counter Increment Mask
This bit is used to mask CILRFREI
D2
FRLST
Lost Frame Counter Increment Mask
This bit is used to mask CILRFRLST
D3
FRCOP
Frame Copied Counter Increment Mask
This bit is used to mask CILRFRCOP
D4
FRNCOP
Frame Not Copied Counter Increment Mask
This bit is used to mask CILRFRNCOP
D5
FRTRX
Frame Transmitted Counter Increment Mask
This bit is used to mask CILRFRTRX
D6
TKRCVD
Token Received Counter Increment Mask
This bit is used to mask CILRTKRCVD
D7
RES
Reserved
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com