| Electronic Components Datasheet Search |
|
DP83261 Datasheet(PDF) 14 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83261 Datasheet(HTML) 14 Page - National Semiconductor (TI) |
|
14 / 132 page ![]() 40 FDDI MAC Facilities (Continued) 453 Restricted Asynchronous Service Class The Restricted Asynchronous service class is useful for large transfers requiring all of the available Asynchronous bandwidth The Restricted Token service is useful for large transfers requiring all of the available (remaining) asynchro- nous bandwidth The Restricted Token service may also be used for opera- tions requiring instantaneous allocation of the remaining synchronous bandwidth when Restricted Requests are serviced with THT disabled This is useful when it is neces- sary to guarantee atomicity ie that a multi-frame request will be serviced on a single token opportunity A Restricted dialogue consists of three phases 1 Initiation of a Restricted dialogue Capture a Non-Restricted Token Transmit zero or more frames to establish a Restricted dialogue with other stations Issue a Restricted Token to allow other stations in the dialogue to transmit frames 2 Continuation of a Restricted dialogue Capture a Restricted Token Transmit zero or more frames to continue the Restrict- ed dialogue Issue a Restricted Token to allow other stations in the dialogue to transmit frames 3 Termination of a Restricted dialogue Capture a Restricted Token Transmit zero or more frames to continue the Restrict- ed dialogue Issue a Non-restricted Token to return to the Non-re- stricted service class Initiation of a Restricted dialogue will prevent all Non-re- stricted Asynchronous traffic throughout the ring for the du- ration of the dialogue but will not affect Synchronous traffic To ensure that the Restricted traffic is operating properly it is possible to monitor the use of Restricted Tokens on the ring When a Restricted Token is received the event is latched and under program control may generate an inter- rupt In addition a request to begin a Restricted dialogue will only be honored if both the previous transmitted Token and the current received Token were Non-restricted tokens This is to ensure that the upper bound on the presence of a Restricted dialogue in the ring is limited to a single dialogue As suggested by the MAC-2 Draft standard to help ensure that only one Restricted dialogue will be in progress at any given time Restricted Requests are not serviced after a MAC frame is received until Restricted Requests are explic- itly enabled by management software Since the Claim Pro- cess results in the generation of a Non-restricted Token this prevents stations from initiating another restricted dia- logue without the intervention of management software 454 Immediate Service Class The Immediate service class facilitates several non-stan- dard applications and is useful in ring failure recovery (eg Transmission of Directed Beacons) Certain ring failures may cause the ring to be unusable for normal traffic until the failure is remedied Immediate requests are only serviced when the ring is non- operational Immediate requests may be serviced from the Transmitter Data Claim and Beacon states Options are available to force the Ring Engine to enter the Claim or Beacon state to prohibit it from entering the Claim state or to remain in the Claim state when receiving My Claim On the completion of an Immediate request a Token (Non- restricted or Restricted) may optionally be issued Immedi- ate requests may also be used in non-standard applications such as a full duplex point to point link 50 Functional Description 51 TOKEN HANDLING 511 Token Timing Logic The FDDI Ring operates based on the Timed Token Rota- tion protocol where all stations on the ring negotiate on the maximum time that the stations have to wait before being able to transmit frames This value is termed the Negotiated Target Token Rotation Time (TTRT) The TTRT value is stored in the TNEG Register Stations negotiate for TTRT based on their TREQ that is assigned to them upon initialization Each station keeps track of the token arrival by setting the Token Rotation Timer (TRT) to the TTRT value If the token is not received within TTRT (the token is late) the event is recorded by setting the Late Flag If the token is not re- ceived within twice TTRT (TRT expires and Late Flag is set) there is a potential problem in the ring and the recovery process is invoked Furthermore the Token Holding Timer (THT) is used to limit the amount of ring bandwidth used by a station for Asyn- chronous traffic once the token is captured Asynchronous traffic is prioritized based on the Late Flag which denotes a threshold at TTRT and an additional Asynchronous Priori- ty Threshold (THSH) The Asynchronous Threshold com- parison (Apri 1) is pipelined so a threshold crossing may not be detected immediately however the possible error is a fraction of the precision of the threshold values The Token Timing Logic consists of two Timers TRT and THT in addition to the TMAX and TNEG values loaded into these counters (See Figure 5-1 ) The Timers are implemented as count-up counters that in- crement every 80 ns The Timers are reset by loading TNEG or TMAX into the counters where TNEG and TMAX are un- signed twos complement numbers This allows a Carry flag to denote timer expiration On an early token arrival (Late Flag is not set) TRT is loaded with TNEG and counts up On a late token arrival (Late Flag is set) Late Flag is cleared and TRT contin- ues to count When TRT expires and Late Flag is not set Late Flag is set and TRT is loaded with TNEG THT follows the value of TRT until a token is captured When a token is captured TRT may be reloaded with TNEG while THT continues to count from its previous value (THT does not wrap around) THT increments when enabled THT is disabled during synchronous transmission and a special class of asynchronous transmission THT is used to deter- mine if the token is usable for asynchronous requests 14 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |