Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83261 Datasheet HTML 1Page - National Semiconductor (TI) DP83261 Datasheet HTML 2Page - National Semiconductor (TI) DP83261 Datasheet HTML 3Page - National Semiconductor (TI) DP83261 Datasheet HTML 4Page - National Semiconductor (TI) DP83261 Datasheet HTML 5Page - National Semiconductor (TI) DP83261 Datasheet HTML 6Page - National Semiconductor (TI) DP83261 Datasheet HTML 7Page - National Semiconductor (TI) DP83261 Datasheet HTML 8Page - National Semiconductor (TI) DP83261 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 132 page
background image
20 Architectural Description (Continued)
21 RING ENGINE
The BMAC device is operated by the Ring Engine which is
comprised of four blocks Receiver Transmitter MAC Pa-
rameter RAM and CountersTimers as shown in
Figure 2-2
211 Receiver
The Receiver Block accepts data from the PLAYER device
in the byte stream format (PH
Indicate)
Upon receiving the data the Receiver Block performs the
following functions
 Determines the beginning and ending of a Protocol Data
Unit (PDU)
 Decodes the Frame Control field to determine the PDU
type (frame or token)
 Compares the received Destination and Source Address-
es with the internal addresses
 Processes data within the frame
 Calculates and checks the Frame Check Sequence at
the end of the frame
 Checks the Frame Status field
And finally the Receiver Block presents the data to the
MAC Interface along with the appropriate control signals
(MA
Indicate)
212 Transmitter
The Transmitter Block inserts frames from this station into
the ring in accordance with the FDDI Timed Token MAC
protocol It also repeats frames from other stations in the
ring The Transmitter block multiplexes data from the MA
Request Interface and data from the Receiver Block During
Frame Transmission data from the Request Interface is se-
lected During Frame Repeating data from the Receiver
Block is selected
During Frame Transmission the Transmitter Block performs
the following functions
 Captures a token to gain the right to transmit
 Transmits one or more frames
 Generates the Frame Check Sequence during transmis-
sion and appends it at the end of the frame
 Generates the Frame Status field that is transmitted at
the end of the frame
 Issues the token at the end of frame transmission
During Frame Repeating the Transmitter Block performs
the following functions
 Repeats the received frame and modifies the Frame
Status field at the end of the frame as specified by the
standard
Whether transmitting or repeating frames the Transmitter
Block also performs the following functions
 Strips the frame(s) that are transmitted by this station
 Generates Idle symbols between frames
Data is presented from the Transmitter Block to the
PLAYER device in the byte stream format (PH
Request)
213 MAC Parameter RAM
The MAC Parameter RAM block is a dual port RAM that
contains MAC parameters such as the station’s short and
long addresses These parameters are initiallzed via the
Control Interface Both the Receiver and Transmitter Blocks
may access the RAM
TLF10387 – 4
FIGURE 2-2 Ring Engine Overview Block Diagram
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com