Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 44Page - National Semiconductor (TI) DP83261 Datasheet HTML 45Page - National Semiconductor (TI) DP83261 Datasheet HTML 46Page - National Semiconductor (TI) DP83261 Datasheet HTML 47Page - National Semiconductor (TI) DP83261 Datasheet HTML 48Page - National Semiconductor (TI) DP83261 Datasheet HTML 49Page - National Semiconductor (TI) DP83261 Datasheet HTML 50Page - National Semiconductor (TI) DP83261 Datasheet HTML 51Page - National Semiconductor (TI) DP83261 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 132 page
background image
60 Control Information (Continued)
Exception Mask Register (EMR)
The Exception Mask Register (EMR) is used to mask bits in the Exception Status Register (ESR) If a bit in Register EMR is set
to One the corresponding bit in Register ESR will be applied to the Condition Register which can then be used to generate an
interrupt
All bits in this register are set to Zero upon request
ACCESS RULES
Address
Read
Write
2Dh
Always
Always
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
ZERO
CCE
CPE
RES
RES
RES
RES
PPE
Bit
Symbol
Description
D0
PPE
PHY Interface Parity Error Mask
This bit is used to mask ESRPPE
D1 – 4
RES
Reserved
D5
CPE
Control Bus Parity Error Mask
This bit is used to mask ESRCPE
D6
CCE
Control Bus Error Mask
This bit is used to mask ESRCCE
D7
ZERO
Zero
This bit is always Zero This implies that the CWI bit never contributes to the Interrupt Signal
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com