Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 46Page - National Semiconductor (TI) DP83261 Datasheet HTML 47Page - National Semiconductor (TI) DP83261 Datasheet HTML 48Page - National Semiconductor (TI) DP83261 Datasheet HTML 49Page - National Semiconductor (TI) DP83261 Datasheet HTML 50Page - National Semiconductor (TI) DP83261 Datasheet HTML 51Page - National Semiconductor (TI) DP83261 Datasheet HTML 52Page - National Semiconductor (TI) DP83261 Datasheet HTML 53Page - National Semiconductor (TI) DP83261 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 132 page
background image
60 Control Information (Continued)
Interrupt Mask Register (IMR)
The Interrupt Mask Register (IMR) is used to mask bits in the Interrupt Condition Register (ICR) If a bit in Register IMR and the
corresponding bit in Register ICR are set to One the INT pin is forced low and causes an interrupt Each bit in the IMR
corresponds to an Event Register or a pair of Event Registers and associated bits
ACCESS RULES
Address
Read
Write
2Fh
Always
Always
REGISTER BITS
D7
D6
D5
D4
D3
D2
D1
D0
ESE
IERR
RES
RES
COE
CIE
TTE
RNG
Bit
Symbol
Description
D0
RNG
Ring Event Mask
This bit is used to mask ICRRNG
D1
TTE
Token and Timer Event Mask
This bit is used to mask ICRTTE
D2
CIE
Counter Increment Event Mask
This bit is used to mask ICRCIE
D3
COE
Counter Overflow Event Mask
This bit is used to mask ICRCOE
D4 – 5
RES
Reserved
D6
IERR
Internal Error Mask
This bit is used to mask ICRIERR
D7
ESE
Exception Status Event Mask
This bit is used to mask ICRESE
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com