Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 73Page - National Semiconductor (TI) DP83261 Datasheet HTML 74Page - National Semiconductor (TI) DP83261 Datasheet HTML 75Page - National Semiconductor (TI) DP83261 Datasheet HTML 76Page - National Semiconductor (TI) DP83261 Datasheet HTML 77Page - National Semiconductor (TI) DP83261 Datasheet HTML 78Page - National Semiconductor (TI) DP83261 Datasheet HTML 79Page - National Semiconductor (TI) DP83261 Datasheet HTML 80Page - National Semiconductor (TI) DP83261 Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 132 page
background image
70 Signal Descriptions (Continued)
732 Signals
All output signals change relative to the rising edge of the Local Byte Clock signal (provided by the Clock Distribution Device)
and are active high
7321 Indication Data
Symbol
Pin
IO
Description
MIP
73
O
MAC Indicate Parity
Odd parity on MID7 – 0 Only valid with Data and Status Indicators
MID7 – 0
74 – 76
O
MAC Indicate Data
79–83
Data
Indicates data is being presented on MID7 – 0 between the rising edge of Frame Control Receive
FCRCVD and the rising edge of one of the following signals
Ending Delimiter Received (EDRCVD)
Token Received (TKRCVD)
Format Error (FOERROR)
Frame Strip (FRSTRP)
or MAC Reset (MACRST)
Status
Indicates Status Indicators are being presented on MID7 – 0 while Ending Delimiter Received
(EDRCVD) or Token Received (TKRCVD) is asserted
The Contents and interpretation of MID7 – 0 are given in Table 7-3
TABLE 7-3 MAC Indication Coding
Contents
Value
MID(7 – 4)
MID(3 – 0)
Condition
Data
0
0
0
Between RCSTART and
1
0
1
EDRCVD or
2
0
2
TKRCVD or
FRSTRP or
FOERROR or
254
F
E
MACRST
255
F
F
Status
TT
5
5
with EDRCVD or TKRCVD
TR
5
6
with EDRCVD
TS
5
7
with EDRCVD
TX
5
i
5 6 or 7
with EDRCVD
nT
0
5
with EDRCVD
RT
6
5
with EDRCVD
RR
6
6
with EDRCVD
RS
6
7
with EDRCVD
ST
7
5
with EDRCVD
SR
7
6
with EDRCVD
SS
7
7
with EDRCVD
undefined
otherwise
x
x
otherwise
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com