Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 88Page - National Semiconductor (TI) DP83261 Datasheet HTML 89Page - National Semiconductor (TI) DP83261 Datasheet HTML 90Page - National Semiconductor (TI) DP83261 Datasheet HTML 91Page - National Semiconductor (TI) DP83261 Datasheet HTML 92Page - National Semiconductor (TI) DP83261 Datasheet HTML 93Page - National Semiconductor (TI) DP83261 Datasheet HTML 94Page - National Semiconductor (TI) DP83261 Datasheet HTML 95Page - National Semiconductor (TI) DP83261 Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 132 page
background image
70 Signal Descriptions (Continued)
Handshake
The Handshake signals control the Request Interface handshaking process They are used for token capture and transmission
of PDUs
Symbol
Pin
IO
Description
TXPASS
28
O
Transmit Pass
Indicates the absence of a Service Opportunity This could result from an unusable
request class waiting for a token timer expiration or MAC Reset TXPASS is always asserted between
service opportunities It is deasserted when TXRDY signal is asserted at the beginning of a Service
Opportunity
TXRDY
29
O
Transmit Ready
Indicates that the Transmitter is ready for another frame For a non-immediate
request a usable token must be held in order to transmit frames TXRDY is asserted when
a) A usable token is being held or
b) An immediate request becomes serviceable or
c) After frame transmission if the current Service Opportunity is still usable for another frame
It is deasserted when the TXPASS or TXACK signal is asserted
RQRDY
23
I
Request Ready
Indicates that the Transmitter should attempt to provide a Service Opportunity as
indicated by the RQRCLS(3 – 0) signals one cycle before RQRDY is asserted The Service Opportunity
will be maintained as long as possible If RQRDY is asserted within 6 byte times after TXRDY signal is
asserted the Transmitter will wait at least L
Max plus one Void frame (416 ms or 480 ms) for
RQSEND to be asserted before releasing the token
RQSEND
24
I
Request Send
Indicates that the Transmitter should send the next frame The MRD(7 – 0) signals
convey the FC byte when the RQSEND signal is asserted If RQSEND is asserted within 6 byte times
after the TXRDY signal is asserted the Transmitter will send the frame with a minimum length
preamble If RQSEND is not asserted within L
Max plus one Void frame after RQRDY signal has been
asserted (416 ms or 460 ms) the token may become unusable (due to a timer expiration)
For Immediate transmissions from the Claim or Beacon State (when RQCLM or RQBCN is asserted)
RQSEND must be asserted no later than 8 byte times after TXRDY is asserted
RQSEND may only be asserted when TXRDY and RQRDY signals are asserted and RQFINAL is
deasserted RQSEND must be deasserted not later than one byte time after TXRDY is deasserted
TXACK
30
0
Transmit Acknowledge
Indicates that the Transmitter is ready for the next data byte TXACK is
asserted when the FC byte is accepted on MRD7 – 0 and remains asserted for each additional data
byte accepted It is deasserted one byte time after RQEOF ro RQABT is asserted The signal is also
deasserted when TXABORT or TXPASS is asserted
RQEOF
25
I
Request End of Frame
Indicates that MRD7 – 0 conveys the last data byte when asserted Normally
this is the last byte of the INFO field of the frame (exceptions FCS transparency invalid frame length)
RQEOF causes TXACK to be deasserted and is ignored if TXACK is not asserted
RQABT
27
I
Request Abort
Indicates that the current frame should be aborted Normally this causes the
Transmitter to generate a Void Claim or Beacon frame RQABT causes TXACK to be deasserted and
will prevent TXACK assertion The BMAC will ignore RQABT if asserted with RQEOF
RQFINAL
26
I
Request Final
Indicates that the final frame of the request has been presented to the MAC Interface
When asserted the Issue Token Class (as opposed to the Capture Token Class) becomes the new
Token Class (TXCLASS) RQFINAL may only be asserted when RQRDY is asserted and RQSEND is
deasserted RQFINAL is ignored unless RQRDY has been asserted for at least one byte time and the
service parameters have been valid for at least three byte times RQFINAL must be deasserted not
later than two byte times after RQSEND is deasserted
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com