Electronic Components Datasheet Search
  English  ▼

X  

DP83261 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 65Page - National Semiconductor (TI) DP83261 Datasheet HTML 66Page - National Semiconductor (TI) DP83261 Datasheet HTML 67Page - National Semiconductor (TI) DP83261 Datasheet HTML 68Page - National Semiconductor (TI) DP83261 Datasheet HTML 69Page - National Semiconductor (TI) DP83261 Datasheet HTML 70Page - National Semiconductor (TI) DP83261 Datasheet HTML 71Page - National Semiconductor (TI) DP83261 Datasheet HTML 72Page - National Semiconductor (TI) DP83261 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 132 page
background image
60 Control Information (Continued)
Ring Latency Counter (RLCT)
The Ring Latency Counter (RLCT) is a measurement of time for PDUs to propagate around the ring This counter contains the
last measured ring latency whenever the RLVD bit of the Token and Timer Event Latch Register (TELRRLVD) is One
The current ring latency is measured by timing the propagation of a My
Void frame around the ring A new latency measure-
ment can be requested by clearing the Ring Latency Valid bit of the Token Event Register (TELRRLVLD)
When the ring is operational the next early token is captured Before the token is re-issued a My
Void frame is transmitted and
the Ring Latency Counter (RLCT) is reset The token will not be captured if the Inhibit Token Option (OptionITC) is set and the
ring latency will not be measured
When the ring is not operational ring latency timing will commence at the end of the next immediate request A My
Void is
transmitted and RLCT is reset This could be used to time how long the ring is non-operational since the My
Void frame will not
return
The Ring Latency Counter increments once every 16 byte times from when the Ending Delimiter of the My
Void frame is
transmitted until the Ending Delimiter of the My
Void frame returns When the My
Void frame returns the ring latency valid bit
(TELRRLVLD) is set and may cause an interrupt When set RELRRLVLD indicates that RLCT will be valid within 128 ms The
Ring Latency Counter can measure ring latencies up to 13421772 seconds with accuracy of 128 ms
The ring latency timing function is automatically disabled when exceptions are detected and retried at the next opportunity
Since a Master Reset (FunctionMARST) causes TELRRLVLD to be cleared the ring latency will automatically be measured on
the first opportunity (at the end of the first immediate request or with the first early token)
ACCESS RULES
Address
Read
Write
BC – BFh
Always
Stop Mode
D7
D6
D5
D4
D3
D2
D1
D0
RLCT0
Zero
Zero
Zero
Zero
Zero
Zero
Zero
Zero
RLCT1
Zero
Zero
Zero
Zero
CT(19)
CT(18)
CT(17)
CT(16)
RLCT2
CT(15)
CT(14)
CT(13)
CT(12)
CT(11)
CT(10)
CT(9)
CT(8)
RLCT3
CT(7)
CT(6)
CT(5)
CT(4)
CT(3)
CT(2)
CT(1)
CT(0)
In REV 1 of the BMAC device the Latency Counter is not reset to Zero when a new latency measurement is initiated The
latency count will be the difference between the value of RLCT after the measurement is complete and the value of RLCT
before the measurement was initiated
If a new latency measurement causes the latency counter to overflow the new latency value will be less than the previous value
In this case no subtraction is necessary The new value is equal to the ring latency This is because the Ring Engine recognizes
the overflow condition and restarts the latency count from zero
It is not possible to reset the Latency counter in software once the BMAC device has been put into RUN mode (ModeRune1)
This counter is only writable while in STOP mode (ModeRune0)
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com