Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 30 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 30 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 26Page - Lattice Semiconductor ICE40 Datasheet HTML 27Page - Lattice Semiconductor ICE40 Datasheet HTML 28Page - Lattice Semiconductor ICE40 Datasheet HTML 29Page - Lattice Semiconductor ICE40 Datasheet HTML 30Page - Lattice Semiconductor ICE40 Datasheet HTML 31Page - Lattice Semiconductor ICE40 Datasheet HTML 32Page - Lattice Semiconductor ICE40 Datasheet HTML 33Page - Lattice Semiconductor ICE40 Datasheet HTML 34Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
30
FPGA-DS-02029-3.5
4.22. Timing Adders
Over recommended operating conditions.
Table 4.23. Timing Adders – LP Devices*
Input Adjusters
LVDS25
LVDS, VCCIO = 2.5 V
–0.18
ns
subLVDS
subLVDS, VCCIO = 1.8 V
0.82
ns
LVCMOS33
LVCMOS, VCCIO = 3.3 V
0.18
ns
LVCMOS25
LVCMOS, VCCIO = 2.5 V
0.00
ns
LVCMOS18
LVCMOS, VCCIO = 1.8 V
0.19
ns
Output Adjusters
LVDS25E
LVDS, Emulated, VCCIO = 2.5 V
0.00
ns
subLVDSE
subLVDS, Emulated, VCCIO = 1.8 V
1.32
ns
LVCMOS33
LVCMOS, VCCIO = 3.3 V
–0.12
ns
LVCMOS25
LVCMOS, VCCIO = 2.5 V
0.00
ns
LVCMOS18
LVCMOS, VCCIO = 1.8 V
1.32
ns
*Notes:
Timing adders are relative to LVCMOS25 and characterized but not tested on every device.
LVCMOS timing measured with the load specified in the Switching Test Condition table.
All other standards tested according to the appropriate specifications.
Commercial timing numbers are shown.
Not all I/O standards are supported for all banks. See the Architecture section of this data sheet for details.
Over recommended operating conditions.
Table 4.24. Timing Adders – HX Devices*
Input Adjusters
LVDS25
LVDS, VCCIO = 2.5 V
0.13
ns
subLVDS
subLVDS, VCCIO = 1.8 V
1.03
ns
LVCMOS33
LVCMOS, VCCIO = 3.3 V
0.16
ns
LVCMOS25
LVCMOS, VCCIO = 2.5 V
0.00
ns
LVCMOS18
LVCMOS, VCCIO = 1.8 V
0.23
ns
Output Adjusters
LVDS25E
LVDS, Emulated, VCCIO = 2.5 V
0.00
ns
subLVDSE
subLVDS, Emulated, VCCIO = 1.8 V
1.76
ns
LVCMOS33
LVCMOS, VCCIO = 3.3 V
0.17
ns
LVCMOS25
LVCMOS, VCCIO = 2.5 V
0.00
ns
LVCMOS18
LVCMOS, VCCIO = 1.8 V
1.76
ns
*Notes:
Timing adders are relative to LVCMOS25 and characterized but not tested on every device.
LVCMOS timing measured with the load specified in the Switching Test Condition table.
All other standards tested according to the appropriate specifications.
Commercial timing numbers are shown.
Not all I/O standards are supported for all banks. See the Architecture section of this data sheet for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com