Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 51 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 51 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 44Page - Lattice Semiconductor ICE40 Datasheet HTML 45Page - Lattice Semiconductor ICE40 Datasheet HTML 46Page - Lattice Semiconductor ICE40 Datasheet HTML 47Page - Lattice Semiconductor ICE40 Datasheet HTML 48Page - Lattice Semiconductor ICE40 Datasheet HTML 49Page - Lattice Semiconductor ICE40 Datasheet HTML 50Page - Lattice Semiconductor ICE40 Datasheet HTML 51Page - Lattice Semiconductor ICE40 Datasheet HTML 52Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
51
Revision 02.1, March 2013
Section
Change Summary
DC and Switching Characteristics
Recommended operating conditions added requirement for Master SPI.
Updated Recommended Operating Conditions for VPP_2V5.
Updated Power-On-Reset Voltage Levels and sequence requirements.
Updated Static Supply Current conditions.
Changed unit for tSKEW_IO from ns to ps.
Updated range of CCLK fMAX.
Ordering Information
Updated ordering information to include tape and reel part numbers.
Revision 02.0, September 2012
Section
Change Summary
All
Merged SiliconBlue iCE40 LP and HX data sheets and updated to Lattice format.
Revision 01.31, September 2012
Section
Change Summary
Introduction
Updated Table 1.
Revision 01.3, September 2012
Section
Change Summary
All
Production release.
—
Updated notes on Table 3: Recommended Operating Conditions.
—
Updated values in Table 4, Table 5, Table 12, Table 13 and Table 17.
Revision 01.21, September 2012
Section
Change Summary
—
Updated Figure 3 and Figure 4 to specify iCE40.
Revision 01.2, August 2012
Section
Change Summary
—
Updated company name.
Revision 01.1, July 2011
Section
Change Summary
—
Moved package specifications to iCE40 pinout Excel files.
Updated Table 1 maximum I/Os.
Revision 01.01, July 2011
Section
Change Summary
—
Added 640, 1K and 4K to Table 13 configuration times. Updated Table 1 maximum I/Os.
Revision 01.0, July 2011
Section
Change Summary
—
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com