Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 33 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 33 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 29Page - Lattice Semiconductor ICE40 Datasheet HTML 30Page - Lattice Semiconductor ICE40 Datasheet HTML 31Page - Lattice Semiconductor ICE40 Datasheet HTML 32Page - Lattice Semiconductor ICE40 Datasheet HTML 33Page - Lattice Semiconductor ICE40 Datasheet HTML 34Page - Lattice Semiconductor ICE40 Datasheet HTML 35Page - Lattice Semiconductor ICE40 Datasheet HTML 36Page - Lattice Semiconductor ICE40 Datasheet HTML 37Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
33
4.24. External Switching Characteristics – HX Devices
Over recommended operating conditions.
Table 4.26. External Switching Characteristics – HX Devices1, 2
Parameter
Description
Device
Min.
Max.
Units
Clock
Global Clocks
fMAX_GBUF
Frequency for Global Buffer Clock network
All iCE40 HX devices
—
275
MHz
tW_GBUF
Clock Pulse Width for Global Buffer
All iCE40 HX devices
0.88
—
ns
tSKEW_GBUF
Global Buffer Clock Skew Within a Device
iCE40HX1K
—
727
ps
iCE40HX4K
—
300
ps
iCE40HX8K
—
300
ps
Pin-LUT-Pin Propagation Delay
tPD
Best case propagation delay through one LUT-4
All iCE40 HX devices
—
7.30
ns
General I/O Pin Parameters (Using Global Buffer Clock without PLL)
tSKEW_IO
Data bus skew across a bank of IOs
iCE40HX1K
—
696
ps
iCE40HX4K
—
290
ps
iCE40HX8K
—
290
ps
tCO
Clock to Output - PIO Output Register
iCE40HX1K
—
5.00
ns
iCE40HX4K
—
5.41
ns
iCE40HX8K
—
5.41
ns
tSU
Clock to Data Setup - PIO Input Register
iCE40HX1K
–0.23
—
ns
iCE40HX4K
–0.43
—
ns
iCE40HX8K
–0.43
—
ns
tH
Clock to Data Hold - PIO Input Register
iCE40HX1K
1.92
—
ns
iCE40HX4K
2.38
—
ns
iCE40HX8K
2.38
—
ns
General I/O Pin Parameters (Using Global Buffer Clock with PLL)3
tCOPLL
Clock to Output - PIO Output Register
iCE40HX1K
—
2.96
ns
iCE40HX4K
—
2.51
ns
iCE40HX8K
—
2.51
ns
tSUPLL
Clock to Data Setup - PIO Input Register
iCE40HX1K
3.10
—
ns
iCE40HX4K
4.16
—
ns
iCE40HX8K
4.16
—
ns
tHPLL
Clock to Data Hold - PIO Input Register
iCE40HX1K
–0.60
—
ns
iCE40HX4K
–0.53
—
ns
iCE40HX8K
–0.53
—
ns
Notes:
1.
Exact performance may vary with device and design implementation. Commercial timing numbers are shown at 85 °C and 1.14
V. Other operating conditions, including industrial, can be extracted from the iCECube2 software.
2.
General I/O timing numbers based on LVCMOS 2.5, 0pf load.
3.
Supported on devices with a PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com