Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 19 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 19 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 15Page - Lattice Semiconductor ICE40 Datasheet HTML 16Page - Lattice Semiconductor ICE40 Datasheet HTML 17Page - Lattice Semiconductor ICE40 Datasheet HTML 18Page - Lattice Semiconductor ICE40 Datasheet HTML 19Page - Lattice Semiconductor ICE40 Datasheet HTML 20Page - Lattice Semiconductor ICE40 Datasheet HTML 21Page - Lattice Semiconductor ICE40 Datasheet HTML 22Page - Lattice Semiconductor ICE40 Datasheet HTML 23Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
19
4. DC and Switching Characteristics
4.1. Absolute Maximum Ratings
Table 4.1. Absolute Maximum Ratings*
Parameter
Min
Max
Unit
Supply Voltage V
CC
–0.5
1.42
V
Output Supply Voltage V
CCIO
–0.5
3.60
V
NVCM Supply Voltage VPP_2V5
–0.5
3.60
V
PLL Supply Voltage VCCPLL
–0.5
1.42
V
I/O Tri-state Voltage Applied
–0.5
3.60
V
Dedicated Input Voltage Applied
–0.5
3.60
V
Storage Temperature (Ambient)
–65
150
°C
Junction Temperature (TJ)
–55
125
°C
*Notes:
Stress above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is
not implied.
Compliance with the Thermal Management document is required.
All voltages referenced to GND.
I/Os can support a 200 mV Overshoot above the Recommended Operating Conditions VCCIO (Max) and -200 mV Undershoot
below VIL (Min). Overshoot and Undershoot is permitted for 25% duty cycle but must not exceed 1.6 ns.
4.2. Recommended Operating Conditions
Table 4.2. Recommended Operating Conditions1
Symbol
Parameter
Min
Max
Unit
V
CC
1
Core Supply Voltage
1.14
1.26
V
VPP_2V5
VPP_2V5 NVCM Programming
and Operating Supply
Voltage
Slave SPI Configuration
1.71
3.46
V
Master SPI Configuration
2.30
3.46
V
Configuration from NVCM
2.30
3.46
V
NVCM Programming
2.30
3.00
V
VPP_FAST4
Optional fast NVCM programming supply. Leave unconnected.
N/A
N/A
V
VCCPLL5,6
PLL Supply Voltage
1.14
1.26
V
VCCIO1,2,3
I/O Driver Supply Voltage
VCCIO0-3
1.71
3.46
V
VCC_SPI
1.71
3.46
V
tJIND
Junction Temperature, Industrial Operation
–40
100
°C
tPROG
Junction Temperature NVCM Programming
10.00
30.00
°C
Notes:
1.
Like power supplies must be tied together. For example, if VCCIO and VCC_SPI are both the same voltage, they must also be the
same supply.
2.
See recommended voltages by I/O standard in subsequent table.
3.
VCCIO pins of unused I/O banks should be connected to the VCC power supply on boards.
4.
VPP_FAST, used only for fast production programming, must be left floating or unconnected in applications, except CM36 and
CM49 packages MUST have the VPP_FAST ball connected to VCCIO_0 ball externally.
5.
No PLL available on the iCE40LP384 and iCE40LP640 device.
6.
VCCPLL is tied to VCC internally in packages without PLL pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com