Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 2Page - Lattice Semiconductor ICE40 Datasheet HTML 3Page - Lattice Semiconductor ICE40 Datasheet HTML 4Page - Lattice Semiconductor ICE40 Datasheet HTML 5Page - Lattice Semiconductor ICE40 Datasheet HTML 6Page - Lattice Semiconductor ICE40 Datasheet HTML 7Page - Lattice Semiconductor ICE40 Datasheet HTML 8Page - Lattice Semiconductor ICE40 Datasheet HTML 9Page - Lattice Semiconductor ICE40 Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
6
FPGA-DS-02029-3.5
1. General Description
The iCE40™ LP/HX family of ultra-low power, non-volatile
FPGAs has five devices with densities ranging from 384 to
7,680 Look-Up Tables (LUTs). In addition to LUT-based, low-
cost programmable logic, these devices feature Embedded
Block RAM (EBR), Non-volatile Configuration Memory
(NVCM) and Phase Locked Loops (PLLs). These features
allow the devices to be used in low-cost, high-volume
consumer and system applications. Select packages offer
High-Current drivers that are ideal to drive three white
LEDs, or one RGB LED.
The iCE40 LP/HX devices are fabricated on a 40 nm CMOS
low power process. The device architecture has several
features such as programmable low-swing differential I/Os
and the ability to turn off on-chip PLLs dynamically. These
features help manage static and dynamic power
consumption, resulting in low static power for all members
of the family. The iCE40 LP/HX devices are available in two
versions – ultra low power (LP) and high performance (HX)
devices.
The iCE40 LP/HX FPGAs are available in a broad range of
advanced halogen-free packages ranging from the space
saving 1.40 mm x 1.48 mm WLCSP to the PCB-friendly 20
mm x 20 mm TQFP. Table 2.1 shows the LUT densities,
package and I/O options, along with other key parameters.
The iCE40 LP/HX devices offer enhanced I/O features such
as pull-up resistors. Pull-up features are controllable on a
per-pin basis.
The iCE40 LP/HX devices also provide flexible, reliable and
secure configuration from on-chip NVCM. These devices
can also configure themselves from external SPI Flash or be
configured by an external master such as a CPU.
Lattice provides a variety of design tools that allow complex
designs to be efficiently implemented using the iCE40
LP/HX family of devices. Popular logic synthesis tools
provide synthesis library support for iCE40 LP/HX. Lattice
design tools use the synthesis tool output along with the
user-specified preferences and constraints to place and
route the design in the iCE40 LP/HX device. These tools
extract the timing from the routing and back-annotate it
into the design for timing verification.
Lattice provides many pre-engineered IP (Intellectual
Property) modules, including a number of reference
designs, licensed free of charge, optimized for the iCE40
LP/HX FPGA family. By using these configurable soft core IP
cores as standardized blocks, users are free to concentrate
on the unique aspects of their design, increasing their
productivity.
1.1. Features
Flexible Logic Architecture
Five devices with 384 to 7,680 LUT4s and 10
to 206 I/Os
Ultra-low Power Devices
Advanced 40 nm low power process
As low as 21 µA standby power
Programmable low swing differential I/Os
Embedded and Distributed Memory
Up to 128 kb sysMEM™ Embedded Block RAM
Pre-Engineered Source Synchronous I/O
DDR registers in I/O cells
High Current LED Drivers
Three High Current Drivers used for three
different LEDs or one RGB LED
High Performance, Flexible I/O Buffer
Programmable sysI/O™ buffer supports wide
range of interfaces:
LVCMOS 3.3/2.5/1.8
LVDS25E, subLVDS
Schmitt trigger inputs, to 200 mV typical
hysteresis
Programmable pull-up mode
Flexible On-Chip Clocking
Eight low skew global signal resources
Up to two analog PLLs per device
Flexible Device Configuration
SRAM is configured through:
Standard SPI Interface
Internal Nonvolatile Configuration
Memory (NVCM)
Broad Range of Package Options
WLCSP, QFN, VQFP, TQFP, ucBGA, caBGA, and
csBGA package options
Small footprint package options
As small as 1.40 mm x 1.48 mm
Advanced halogen-free packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com