Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 17 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 17 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 13Page - Lattice Semiconductor ICE40 Datasheet HTML 14Page - Lattice Semiconductor ICE40 Datasheet HTML 15Page - Lattice Semiconductor ICE40 Datasheet HTML 16Page - Lattice Semiconductor ICE40 Datasheet HTML 17Page - Lattice Semiconductor ICE40 Datasheet HTML 18Page - Lattice Semiconductor ICE40 Datasheet HTML 19Page - Lattice Semiconductor ICE40 Datasheet HTML 20Page - Lattice Semiconductor ICE40 Datasheet HTML 21Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
17
3.1.7. sysI/O Buffer
Each I/O is associated with a flexible buffer referred to as a sysI/O buffer. These buffers are arranged around the
periphery of the device in groups referred to as banks. The sysI/O buffers allow users to implement a wide variety of
standards that are found in today’s systems including LVCMOS and LVDS25.
High Current LED Drivers combine three sysI/O buffers together. This allows for programmable drive strength. This also
allows for high current drivers that are ideal to drive three white LEDs, or one RGB LED. Each bank is capable of
supporting multiple I/O standards including single-ended LVCMOS buffers and differential LVDS25E output buffers.
Bank 3 additionally supports differential LVDS25 input buffers. Each sysI/O bank has its own dedicated power supply.
Typical I/O Behavior During Power-up
The internal power-on-reset (POR) signal is deactivated when VCC, VCCIO_2, VPP_2V5, and VCC_SPI have reached the level
defined in Table 4.4. After the POR signal is deactivated, the FPGA core logic becomes active. It is your responsibility to
ensure that all VCCIO banks are active with valid input logic levels to properly control the output logic states of all the I/O
banks that are critical to the application. The default configuration of the I/O pins in a device prior to configuration is
tri-stated with a weak pull-up to VCCIO. The I/O pins will maintain the pre-configuration state until VCC and VCCIO (for I/O
banks containing configuration I/Os) have reached levels, at which time the I/Os will take on the software user-
configured settings only after a proper download/configuration. Unused I/Os are automatically blocked and the pull-up
termination is disabled.
Supported Standards
The iCE40 LP/HX sysI/O buffer supports both single-ended input/output standards, and used as differential
comparators. The buffer supports the LVCMOS 1.8 V, 2.5 V, and 3.3 V standards. The buffer has individually
configurable options for bus maintenance (weak pull-up or none).
Table 3.7 and Table 3.8 show the I/O standards (together with their supply and reference voltages) supported by the
iCE40 LP/HX devices.
Table 3.7. Supported Input Standards
I/O Standard
VCCIO (Typical)
3.3 V
2.5 V
1.8 V
Single-Ended Interfaces
LVCMOS33
Yes
—
—
LVCMOS25
—
Yes
—
LVCMOS18
—
—
Yes
Differential Interfaces
LVDS25*
—
Yes
—
SubLVDS*
—
—
Yes
*Note: Bank 3 only.
Table 3.8. Supported Output Standards
I/O Standard
VCCIO (Typical)
Single-Ended Interfaces
LVCMOS33
3.3 V
LVCMOS25
2.5 V
LVCMOS18
1.8 V
Differential Interfaces
LVDS25*
—
SubLVDS*
—
*Note: These interfaces can be emulated with external resistors in all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com