Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 27 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 27 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 23Page - Lattice Semiconductor ICE40 Datasheet HTML 24Page - Lattice Semiconductor ICE40 Datasheet HTML 25Page - Lattice Semiconductor ICE40 Datasheet HTML 26Page - Lattice Semiconductor ICE40 Datasheet HTML 27Page - Lattice Semiconductor ICE40 Datasheet HTML 28Page - Lattice Semiconductor ICE40 Datasheet HTML 29Page - Lattice Semiconductor ICE40 Datasheet HTML 30Page - Lattice Semiconductor ICE40 Datasheet HTML 31Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
27
4.17. SubLVDS Emulation
The iCE40 LP/HX family supports the differential subLVDS standard. The output standard is emulated using
complementary LVCMOS outputs in conjunction with resistors across the driver outputs on all banks of the devices. The
subLVDS input standard is supported by the LVDS25 differential input buffer. The scheme shown in Figure 4.2 is one
possible solution for subLVDSE output standard implementation. Use LVDS25E mode with suggested resistors for
subLVDSE operation. Resistor values in Figure 4.2 are industry standard values for 1% resistors.
R
R
R
OD
OCM
V
CCIO
Differential
Output Pair
Figure 4.2. subLVDSE DC Conditions
Over recommended operating conditions.
Table 4.17. subLVDSE DC Conditions
Parameter
Description
Typ.
Units
ZOUT
Output impedance
20
Ω
RS
Driver series resistor
270
Ω
RP
Driver parallel resistor
120
Ω
RT
Receiver termination
100
Ω
VOH
Output high voltage
1.43
V
VOL
Output low voltage
1.07
V
VOD
Output differential voltage
0.35
V
VCM
Output common mode voltage
0.9
V
ZBACK
Back impedance
100.5
Ω
IDC
DC output current
2.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com