Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 43 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 43 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 39Page - Lattice Semiconductor ICE40 Datasheet HTML 40Page - Lattice Semiconductor ICE40 Datasheet HTML 41Page - Lattice Semiconductor ICE40 Datasheet HTML 42Page - Lattice Semiconductor ICE40 Datasheet HTML 43Page - Lattice Semiconductor ICE40 Datasheet HTML 44Page - Lattice Semiconductor ICE40 Datasheet HTML 45Page - Lattice Semiconductor ICE40 Datasheet HTML 46Page - Lattice Semiconductor ICE40 Datasheet HTML 47Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
43
5.3. iCE40 LP/HX Part Number Description
5.3.1. Ultra Low Power (LP) Devices
ICE40LPXXX – XXXXXXX
Series
LP = Low Power Series
Logic Cells
384 = 384 Logic Cells
640 = 640 Logic Cells
1K = 1,280 Logic Cells
4K = 3,520 Logic Cells
8K = 7,680 Logic Cells
Package
SWG16 = 16-Ball WLCSP (0.35 mm Pitch)
CM36 = 36-Ball ucBGA (0.4 mm Pitch)
CM49 = 49-Ball ucBGA (0.4 mm Pitch)
CM81 = 81-Ball ucBGA (0.4 mm Pitch)
CB81 = 81-Ball csBGA (0.5 mm Pitch)
CM121 = 121-Ball ucBGA (0.4 mm Pitch)
CB121 = 121-Ball csBGA (0.5 mm Pitch)
CM225 = 225-Ball ucBGA (0.4 mm Pitch)
SG32 = 32-Pin QFN (0.5 mm Pitch)
QN84 = 84-Pin QFN (0.5 mm Pitch)
Device Family
iCE40 FPGA
Shipping Method
TR = Tape and Reel
TR50 = Tape and Reel 50 units
TR1K = Tape and Reel 1,000 units
Figure 5.1. Low Power (LP) Devices
5.3.2. High Performance (HX) Devices
ICE40HXXX – XXXXXXX
Series
HX = High Performance Series
Logic Cells
1K = 1,280 Logic Cells
4K = 3,520 Logic Cells
8K = 7,680 Logic Cells
Package
CB132 = 132-Ball csBGA (0.5 mm Pitch)
CM225 = 225-Ball ucBGA (0.4 mm Pitch)
CT256 = 256-Ball caBGA (0.8 mm Pitch)
TQ144 = 144-Pin TQFP (0.5 mm Pitch)
VQ100 = 100-Pin VQFP (0.5 mm Pitch)
BG121 = 121-Ball caBGA (0.8 mm Pitch)
Device Family
iCE40 Mobile FPGA
Shipping Method
TR = Tape and Reel
Figure 5.2. High Performance (HX) Devices
Note: All parts shipped in trays unless noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com