Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 3Page - Lattice Semiconductor ICE40 Datasheet HTML 4Page - Lattice Semiconductor ICE40 Datasheet HTML 5Page - Lattice Semiconductor ICE40 Datasheet HTML 6Page - Lattice Semiconductor ICE40 Datasheet HTML 7Page - Lattice Semiconductor ICE40 Datasheet HTML 8Page - Lattice Semiconductor ICE40 Datasheet HTML 9Page - Lattice Semiconductor ICE40 Datasheet HTML 10Page - Lattice Semiconductor ICE40 Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
7
2. Product Family
Table 2.1 lists device information and packages of the iCE40 LP/HX family.
Table 2.1. iCE40 LP/HX Family Selection Guide
Part Number
LP384
LP640
LP1K
LP4K
LP8K
HX1K
HX4K
HX8K
Logic Cells (LUT + Flip-Flop)
384
640
1,280
3,520
7,680
1,280
3,520
7,680
RAM4K Memory Blocks
0
8
16
20
32
16
20
32
RAM4K RAM bits
0
32K
64K
80K
128K
64K
80K
128K
Phase-Locked Loops (PLLs)
0
0
11
22
22
11
2
2
Maximum Programmable I/O Pins
63
25
95
167
178
95
95
206
Maximum Differential Input Pairs
8
3
12
20
23
11
12
26
High Current LED Drivers
0
3
3
0
0
0
0
0
Package
Code
Programmable I/O: Max Input (LVDS25)
16 WLCSP
(1.40 mm x 1.48 mm, 0.35 mm)
SWG16
10(0)1
10(0)1
—
—
—
—
—
32 QFN
(5 mm x 5 mm, 0.5 mm)
SG32
21(3)
—
—
—
—
—
—
—
36 ucBGA
(2.5 mm x 2.5 mm, 0.4 mm)
CM36
25(3)
—
25(3)1
—
—
—
—
—
49 ucBGA
(3 mm x 3 mm, 0.4 mm)
CM49
37(6)
—
35(5)1
—
—
—
—
—
81 ucBGA
(4 mm x 4 mm, 0.4 mm)
CM81
—
—
63(8)
63(9)2
63(9)2
—
—
—
81 csBGA
(5 mm x 5 mm, 0.5 mm)
CB81
—
—
62(9)1
—
—
—
—
—
84 QFN
(7 mm x 7 mm, 0.5 mm)
QN84
—
—
67(7)1
—
—
—
—
100 VQFP
(14 mm x 14 mm, 0.5 mm)
VQ100
—
—
—
—
—
72(9)1
—
—
121 ucBGA
(5 mm x 5 mm, 0.4 mm)
CM121
—
—
95(12)
93(13)
93(13)
—
—
—
121 csBGA
(6 mm x 6 mm, 0.5 mm)
CB121
—
—
92(12)
—
—
—
—
—
121 caBGA
(9 mm x 9 mm, 0.8 mm)
BG121
—
—
—
—
—
—
93(13)
93(13)
132 csBGA
(8 mm x 8 mm, 0.5 mm)
CB132
—
—
—
—
—
95(11)
95(12)
95(12)
144 TQFP
(20 mm x 20 mm, 0.5 mm)
TQ144
—
—
—
—
—
96(12)
107(14)
—
225 ucBGA
(7 mm x 7 mm, 0.4 mm)
CM225
—
—
—
178(23)
178(23)
—
—
178(23)
256-ball caBGA
(14 mm x 14 mm, 0.8 mm)
CT256
—
—
—
—
—
—
—
206(26)
Notes:
1.
No PLL available on the 16 WLCSP, 36 ucBGA, 81 csBGA, 84 QFN, and 100 VQFP packages.
2.
Only one PLL available on the 81 ucBGA package.
3.
High Current I/Os only available on the 16 WLCSP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com