Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 45 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 45 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 41Page - Lattice Semiconductor ICE40 Datasheet HTML 42Page - Lattice Semiconductor ICE40 Datasheet HTML 43Page - Lattice Semiconductor ICE40 Datasheet HTML 44Page - Lattice Semiconductor ICE40 Datasheet HTML 45Page - Lattice Semiconductor ICE40 Datasheet HTML 46Page - Lattice Semiconductor ICE40 Datasheet HTML 47Page - Lattice Semiconductor ICE40 Datasheet HTML 48Page - Lattice Semiconductor ICE40 Datasheet HTML 49Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
45
Part Number
LUTs
Supply Voltage
Package
Leads
Temperature
ICE40LP1K-CM121TR
1280
1.2 V
Halogen-Free ucBGA
121
IND
ICE40LP1K-CM121TR1K
1280
1.2 V
Halogen-Free ucBGA
121
IND
ICE40LP1K-CB121
1280
1.2 V
Halogen-Free csBGA
121
IND
ICE40LP1K-QN84
1280
1.2 V
Halogen-Free QFN
84
IND
ICE40LP4K-CM81
3520
1.2 V
Halogen-Free ucBGA
81
IND
ICE40LP4K-CM81TR
3520
1.2 V
Halogen-Free ucBGA
81
IND
ICE40LP4K-CM81TR1K
3520
1.2 V
Halogen-Free ucBGA
81
IND
ICE40LP4K-CM121
3520
1.2 V
Halogen-Free ucBGA
121
IND
ICE40LP4K-CM121TR
3520
1.2 V
Halogen-Free ucBGA
121
IND
ICE40LP4K-CM121TR1K
3520
1.2 V
Halogen-Free ucBGA
121
IND
ICE40LP4K-CM225
3520
1.2 V
Halogen-Free ucBGA
225
IND
ICE40LP8K-CM81
7680
1.2 V
Halogen-Free ucBGA
81
IND
ICE40LP8K-CM81TR
7680
1.2 V
Halogen-Free ucBGA
81
IND
ICE40LP8K-CM81TR1K
7680
1.2 V
Halogen-Free ucBGA
81
IND
ICE40LP8K-CM121
7680
1.2 V
Halogen-Free ucBGA
121
IND
ICE40LP8K-CM121TR
7680
1.2 V
Halogen-Free ucBGA
121
IND
ICE40LP8K-CM121TR1K
7680
1.2 V
Halogen-Free ucBGA
121
IND
ICE40LP8K-CM225
7680
1.2 V
Halogen-Free ucBGA
225
IND
5.5.2. High-Performance Industrial Grade Devices, Halogen Free (RoHS) Packaging
Part Number
LUTs
Supply Voltage
Package
Leads
Temperature
ICE40HX1K-CB132
1280
1.2 V
Halogen-Free csBGA
132
IND
ICE40HX1K-VQ100
1280
1.2 V
Halogen-Free VQFP
100
IND
ICE40HX1K-TQ144
1280
1.2 V
Halogen-Free TQFP
144
IND
ICE40HX4K-BG121
3520
1.2 V
Halogen-Free caBGA
121
IND
ICE40HX4K-BG121TR
3520
1.2 V
Halogen-Free caBGA
121
IND
ICE40HX4K-CB132
3520
1.2 V
Halogen-Free csBGA
132
IND
ICE40HX4K-TQ144
3520
1.2 V
Halogen-Free TQFP
144
IND
ICE40HX8K-BG121
7680
1.2 V
Halogen-Free caBGA
121
IND
ICE40HX8K-BG121TR
7680
1.2 V
Halogen-Free caBGA
121
IND
ICE40HX8K-CB132
7680
1.2 V
Halogen-Free csBGA
132
IND
ICE40HX8K-CM225
7680
1.2 V
Halogen-Free ucBGA
225
IND
ICE40HX8K-CT256
7680
1.2 V
Halogen-Free caBGA
256
IND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com