Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 18 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 18 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 14Page - Lattice Semiconductor ICE40 Datasheet HTML 15Page - Lattice Semiconductor ICE40 Datasheet HTML 16Page - Lattice Semiconductor ICE40 Datasheet HTML 17Page - Lattice Semiconductor ICE40 Datasheet HTML 18Page - Lattice Semiconductor ICE40 Datasheet HTML 19Page - Lattice Semiconductor ICE40 Datasheet HTML 20Page - Lattice Semiconductor ICE40 Datasheet HTML 21Page - Lattice Semiconductor ICE40 Datasheet HTML 22Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
18
FPGA-DS-02029-3.5
3.1.8. Non-Volatile Configuration Memory
All iCE40 LP/HX devices provide a Non-Volatile Configuration Memory (NVCM) block which can be used to configure the
device.
For more information on the NVCM, refer to iCE40 Programming and Configuration (FPGA-TN-02001).
3.1.9. Power On Reset
iCE40 LP/HX devices have power-on reset circuitry to monitor VCC, VCCIO_2, VPP_2V5, and VCC_SPI voltage levels during
power-up and operation. At power-up, the POR circuitry monitors VCC, VCCIO_2, VPP_2V5, and VCC_SPI (controls
configuration) voltage levels. It then triggers download from the on-chip NVCM or external Flash memory after
reaching the power-up levels specified in the Power-On-Reset Voltage table in the DC and Switching Characteristics
section of this data sheet. Before and during configuration, the I/Os are held in tri-state. I/Os are released to user
functionality once the device has finished configuration.
3.2. Programming and Configuration
This section describes the programming and configuration of the iCE40 LP/HX family.
Device Programming
The NVCM memory can be programmed through the SPI port.
Device Configuration
There are various ways to configure the Configuration RAM (CRAM) including:
Internal NVCM Download
From an SPI Flash (Master SPI mode)
System microprocessor to drive a Serial Slave SPI port (SSPI mode)
The image to configure the CRAM can be selected by the user on power up (Cold Boot) or once powered up (Warm
Boot).
For more details on configuring the iCE40 LP/HX device, refer to iCE40 Programming and Configuration (FPGA-TN-
02001).
3.2.1. Power Saving Options
iCE40 LP/HX devices are available in two options for maximum flexibility: LP and HX devices. The LP devices have ultra
low static and dynamic power consumption. HX devices are designed to provide high performance. Both the LP and
the HX devices operate at 1.2 V VCC.
iCE40 LP/HX devices feature iCEGate and PLL low power mode to allow users to meet the static and dynamic power
requirements of their applications. While these features are available in both device types, these features are mainly
intended for use with iCE40 LP devices to manage power consumption.
Table 3.9. Power Saving Features Description
Device Subsystem
Feature Description
PLL
When LATCHINPUTVALUE is enabled, puts the PLL into low-power mode; PLL output held static at last
input clock value.
iCEGate
To save power, the optional iCEGate latch can selectively freeze the state of individual, non-registered
inputs within an I/O bank. Registered inputs are effectively frozen by their associated clock or clock-
enable control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com