Electronic Components Datasheet Search
  English  ▼

X  

ICE40 Datasheet(PDF) 23 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 23 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 19Page - Lattice Semiconductor ICE40 Datasheet HTML 20Page - Lattice Semiconductor ICE40 Datasheet HTML 21Page - Lattice Semiconductor ICE40 Datasheet HTML 22Page - Lattice Semiconductor ICE40 Datasheet HTML 23Page - Lattice Semiconductor ICE40 Datasheet HTML 24Page - Lattice Semiconductor ICE40 Datasheet HTML 25Page - Lattice Semiconductor ICE40 Datasheet HTML 26Page - Lattice Semiconductor ICE40 Datasheet HTML 27Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
23
4.10. Programming NVCM Supply Current – HX Devices
Table 4.9. Programming NVCM Supply Current – HX Devices1, 2, 3, 4
Symbol
Parameter
Device
Typ. VCC5
Units
ICC
Core Power Supply
iCE40HX1K
278
µA
iCE40HX4K
1174
µA
iCE40HX8K
1174
µA
ICCPLL6, 7
PLL Power Supply
All devices
0.5
µA
IPP_2V5
NVCM Power Supply
All devices
2.5
mA
ICCIO7, ICC_SPI
Bank Power Supply5
All devices
3.5
mA
Notes:
1.
Assumes all inputs are held at VCCIO or GND and all outputs are tri-stated.
2.
Typical user pattern.
3.
SPI programming is at 8 MHz.
4.
TJ = 25 °C, power supplies at nominal voltage.
5.
Per bank. VCCIO = 2.5 V. Does not include pull-up.
6.
VCCPLL is tied to VCC internally in packages without PLL pins.
7.
VPP_FAST, used only for fast production programming, must be left floating or unconnected in applications.
4.11. Peak Startup Supply Current – LP Devices
Table 4.10. Peak Startup Supply Current – LP Devices
Symbol
Parameter
Device
Max
Units
ICCPEAK
Core Power Supply
iCE40LP384
7.7
mA
iCE40LP640
6.4
mA
iCE40LP1K
6.4
mA
iCE40LP4K
15.7
mA
iCE40LP8K
15.7
mA
ICCPLLPEAK1, 2, 4
PLL Power Supply
iCE40LP1K
1.5
mA
iCE40LP640
1.5
mA
iCE40LP4K
8.0
mA
iCE40LP8K
8.0
mA
IPP_2V5PEAK
NVCM Power Supply
iCE40LP384
3.0
mA
iCE40LP640
7.7
mA
iCE40LP1K
7.7
mA
iCE40LP4K
4.2
mA
iCE40LP8K
4.2
mA
IPP_FASTPEAK3
NVCM Programming
Supply
iCE40LP384
5.7
mA
iCE40LP640
8.1
mA
iCE40LP1K
8.1
mA
ICCIOPEAK5, ICC_SPIPEAK
Bank Power Supply
iCE40LP384
8.4
mA
iCE40LP640
3.3
mA
iCE40LP1K
3.3
mA
iCE40LP4K
8.2
mA
iCE40LP8K
8.2
mA
Notes:
1.
No PLL available on the iCE40LP384 and iCE40LP640 device.
2.
VCCPLL is tied to VCC internally in packages without PLLs pins.
3.
VPP_FAST, used only for fast production programming, must be left floating or unconnected in applications, except CM36 and
CM49 packages MUST have the VPP_FAST ball connected to VCCIO_0 ball externally.
4.
While no PLL is available in the iCE40LP640 the ICCPLLPEAK is additive to ICCPEAK.
5.
iCE40LP384 requires VCC to be greater than 0.7 V when VCCIO and VCC_SPI are above GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com