Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 31 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 31 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 27Page - Analog Devices LTM4677 Datasheet HTML 28Page - Analog Devices LTM4677 Datasheet HTML 29Page - Analog Devices LTM4677 Datasheet HTML 30Page - Analog Devices LTM4677 Datasheet HTML 31Page - Analog Devices LTM4677 Datasheet HTML 32Page - Analog Devices LTM4677 Datasheet HTML 33Page - Analog Devices LTM4677 Datasheet HTML 34Page - Analog Devices LTM4677 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 110 page
background image
LTC3888-1
31
Rev. 0
For more information www.analog.com
OPERATION
assuming the original fault has cleared. All the channels
in the group then begin a soft-start sequence.
As noted above, FAULT pins can also find use as inputs
to detect faults external to the controller that require an
immediate response. External faults propagated into the
chip using FAULT pins are not deglitched.
Refer to MFR_FAULT_PROPAGATE for additional details.
FAULT LOG OPERATION
The LTC3888-1 supports fault logging to provide telem-
etry recording capability. A conceptual diagram of the fault
log is shown in Figure 3. During normal operation the
contents of primary status registers and all ADC readings,
including peak voltage and current results, are stored in
a continuously updated RAM buffer if enabled by bit 7
of MFR_CONFIG_ALL. The operation is similar to a strip
recorder. When a fault occurs that disables either master
channel, recording to internal memory is halted (locked)
and the fault log information is made available from RAM
via the MFR_FAULT_LOG command. Some contents of
the locked RAM fault log are also copied into EEPROM for
nonvolatile storage. See Fault Log Details below.
A fault log write to EEPROM is allowed above a die tem-
perature of 85°C, but 10 years of retention is not guaran-
teed. When die temperature exceeds 130°C, any EEPROM
fault log storage is delayed until the temperature drops
below 125°C.
Once created, a fault log cannot be overwritten by sub-
sequent fault events, even if the log is only partial. An
MFR_FAULT_LOG_CLEAR command must be executed
to erase an existing log, leaving the IC free to generate a
new one.
Faults propagated into the IC through FAULT pins do not
trigger a fault logging event, regardless of their impact on
PWM operation. Faults that generate a fault log should be
fully cleared before the log is erased to prevent creation
of spurious fault logs.
When the LTC3888-1 powers up it checks the EEPROM
for a valid fault log. If one is found the Fault Log Present
bit in STATUS_MFR_SPECIFIC is set. If the Memory Fault
Detected bit is also set in STATUS_CML, then the stored
fault log is partial. Data in one or more event records may
be incomplete or incorrect.
Fault Log Details
The MFR_FAULT_LOG command uses a block read pro-
tocol with a fixed length of 147 bytes. The LTC3888-1
returns a block byte count of zero if a fault log is not
present.
Contents of a fault log are shown in Table 1 through
Table 4. Refer to Table 6 for an explanation of data for-
mats. Each event record represents one complete conver-
sion cycle through all multiplexed monitor ADC inputs
and related status. When a fault log is created the present
ADC input cycle is completed and the ADC input being
converted at the time of the fault is noted in the log header.
Referring to Figure 3, the six most recent event records
are maintained in internal RAM in reverse chronological
order. If input power is cycled or the part is reset after
a fault log is creatred, the RAM record is restored from
EEPROM where only the four most recent events are
retained due to available storage.
Figure 3. Fault Log Conceptual Diagram
388812 F03
LOCK RAM
AND TRANSFER
TO EEPROM
AT TIME OF FAULT
TRANSFER FROM
EEPROM AFTER
RESET
ADC READINGS
CONTINUOUSLY
FILL BUFFER
UNTIL FAULT
RAM BYTES
EEPROM BYTES
8
•
•
•
•
•
•
PMBus READ
OF FAULT
LOG
LATEST 6
RECORDS
LATEST 4
RECORDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com