Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 45 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 45 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 41Page - Analog Devices LTM4677 Datasheet HTML 42Page - Analog Devices LTM4677 Datasheet HTML 43Page - Analog Devices LTM4677 Datasheet HTML 44Page - Analog Devices LTM4677 Datasheet HTML 45Page - Analog Devices LTM4677 Datasheet HTML 46Page - Analog Devices LTM4677 Datasheet HTML 47Page - Analog Devices LTM4677 Datasheet HTML 48Page - Analog Devices LTM4677 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 110 page
background image
LTC3888-1
45
Rev. 0
For more information www.analog.com
EFFICIENCY CONSIDERATIONS
Normally, one of the primary goals of any LTC3888-1
application will be to obtain the highest practical conver-
sion efficiency. The efficiency of a switching regulator is
equal to the output power divided by the input power. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and to ascertain which change
would produce the most improvement. Balancing or limit-
ing these individual losses plays a dominant role in the
component selection process outlined over the next few
sections.
Percent efficiency can be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + …)
where L1, L2, et al, are the individual losses as a percent-
age of input power: 100 • PLn /PIN.
Although all dissipative elements in the system produce
losses, four main sources usually account for most of
the losses in LTC3888-1 applications: IC supply current,
I2R losses, topside power MOSFET transition losses and
total gate drive current.
1. The LTC3888-1 IC supply current is a DC value given
in the Electrical Characteristics table. The absolute
loss created by the IC itself is approximately this cur-
rent times the VIN supply voltage. IC supply current
typically results in a small loss (<0.1%).
2. I2R losses occur mainly in the DC resistances of the
selected power stage, inductor, PCB routing, and
input and output capacitor ESR. It is crucial that care-
ful attention is paid to the layout of the power path on
the PCB to minimize that resistance. In a 2-phase 1.2V
system, 1mΩ of PCB resistance at the output costs
5% in efficiency with the output running at 60A.
3. Transition losses apply only to the selected power
stage and normally do not become significant until
operating above 12V.
4. Gate drive current is equal to the sum of the top and
bottom MOSFET gate charges multiplied by the fre-
quency of operation. These charges are based on
internal power stage design and are normally included
in overall efficiency (or power loss) numbers provded
by the manufacturer at a given operating condtion.
APPLICATIONS INFORMATION
Other sources of loss include internal body or external
Schottky diode conduction during the power stage FET
driver non-overlap time, as well as inductor core losses.
These latter categories generally account for less than 2%
total additional loss.
POWER STAGE SELECTION AND INTERFACE
The LTC3888-1 operates with power stages that provide
a voltage or current monitor of the output current they
sense. As a minimum, these stages must also accept
3.3V-compatible three-state PWM input control. Other
features such as PWM input off-state biasing, power
stage temperature monitoring, fault detection and indi-
cation, and UVLO protection are optional. Examples of
these kinds of devices include the TDA21470, IR35411
and FDM3170.
The LTC3888-1 ISENSE pins are high impedance inputs to
internal interface circuits and the monitor ADC, both using
a common mode of IREF (1.6V). Maximum instantaneous
differential current sense input relative to IREF is 525mV,
and maximum DC input differential is 400mV. These
inputs must be properly connected in the application at
all times. While not strictly required, it is recommended
to short ISENSE to IREF on PWM channels disabled by
MFR_PWM_CONFIG_LTC3888-1 master/slave setting.
As shown in Figure 22 and Figure 23, the LTC3888-1 is
designed to interface to power stages that provide either
a current or voltage analog of sensed output current.
The LTC3888-1 IREF output should be used to provide
the common mode voltage for this output current moni-
tor, with some bypass located adjacent to each power
stage and returned to GND (IC paddle). The LTC3888-1
is designed to work best when the power stage output
current monitor is scaled to provide between 3mV/A and
10mV/A to its ISENSE input. This scaling must be identical
for all phases on a rail. For most power stages providing
a voltage-mode monitor, no additional external scaling
components are required.
Some of these power stages require the controller to pro-
vide a PWM pulse with a minimum width. The LTC3888-1
can be configured to accommodate this requirement by
setting bit 1 of MFR_PWM_MODE_LTC3888-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com