Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 52 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 52 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 48Page - Analog Devices LTM4677 Datasheet HTML 49Page - Analog Devices LTM4677 Datasheet HTML 50Page - Analog Devices LTM4677 Datasheet HTML 51Page - Analog Devices LTM4677 Datasheet HTML 52Page - Analog Devices LTM4677 Datasheet HTML 53Page - Analog Devices LTM4677 Datasheet HTML 54Page - Analog Devices LTM4677 Datasheet HTML 55Page - Analog Devices LTM4677 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
LTC3888-1
52
Rev. 0
For more information www.analog.com
OUTPUT VOLTAGE SENSING
Accurate Kelvin sensing techniques should be used
to connect the output voltage differentially back to the
LTC3888-1 VSENSE± pins of the master channel for best
output voltage regulation at the point of load. These pins
also provide the ADC inputs for output voltage telemetry.
These connections are not strictly required for disabled
master channels (i.e. forced to be slave phases using bit
4 of MFR_PWM_MODE_LTC3888-1, with an external
ITH connection). However, because the LTC3888-1 error
amplifier is an OTA, it is sometimes advantageous to
wire-OR ITH pins and use multiple VOUT sense points to
provide improved power plane voltage averaging. Post-
manufacture selection of the most ideal load sense point
via final EEPROM programming is also possible. So in
general, sound Kelvin VOUT sensing techniques for all
LTC3888-1 master channels is recommended. Refer to
Figure 28.
APPLICATIONS INFORMATION
CLASSICAL ANALOG OUTPUT VOLTAGE CONTROL
The LTC3888-1 employs a classical analog approach for
setting output voltage when using default factory EEPROM
values. This control uses the circuit of Figure 28, where
external resistors R1 and R2 are used to set VOUT accord-
ing to the following equation.
VOUT=(R1+R2)/R2x400mV
In this mode, output margining is still possible using the
OPERATION command. The margining levels, along with
undervoltage and overvoltage supervisor fault thresholds,
are preset according to the following table. These values
are relative to the nominal output voltage created by R1
and R2.
Figure 29. High Frequency Paths and Branch Current Waveforms
RL1
D1
L1
SW1
VOUT1
COUT1
VIN
CIN
RIN
RL0
D0
BOLD LINES INDICATE
HIGH SWITCHING
CURRENT. KEEP LINES
TO A MINIMUM LENGTH.
L0
SW0
388812 F29
VOUT0
COUT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com