Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 87 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 87 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 83Page - Analog Devices LTM4677 Datasheet HTML 84Page - Analog Devices LTM4677 Datasheet HTML 85Page - Analog Devices LTM4677 Datasheet HTML 86Page - Analog Devices LTM4677 Datasheet HTML 87Page - Analog Devices LTM4677 Datasheet HTML 88Page - Analog Devices LTM4677 Datasheet HTML 89Page - Analog Devices LTM4677 Datasheet HTML 90Page - Analog Devices LTM4677 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
LTC3888-1
87
Rev. 0
For more information www.analog.com
These commands can be used to establish required sequencing and tracking for any number of system power supply rails.
MFR_RESTART_DELAY
The MFR_RESTART_DELAY command specifies the minimum rail off time (RUN low) in milliseconds. The LTC3888-1
will actively hold its RUN pin low for this length of time if a falling RUN edge is detected. After this delay, a standard
start-up sequence can be initiated. A minimum of TOFF_DELAY + TOFF_FALL + 136ms is recommended for this com-
mand value. Valid value range is 136ms to 65.52 seconds. The LTC3888-1 will not produce delays outside of this range
and uses a resolution of 16ms for this command.
This command has two data bytes in Linear_5s_11s format.
TON_DELAY
The TON_DELAY command sets the delay, in milliseconds, between a PWM start condition and the beginning of the
output voltage rise. Values from 0ms to 83 seconds are considered valid, and the LTC3888-1 will not produce delays
outside of this range.
This command has two data bytes in Linear_5s_11s format.
TON_MAX_FAULT_LIMIT
The TON_MAX_FAULT_LIMIT command sets the maximum time, in milliseconds, the unit is allowed from the begin-
ning of the soft-start ramp to power up the output without passing VOUT_UV_FAULT_LIMIT. A value of 0ms means
there is no limit and the unit can attempt to bring up the output voltage indefinitely. The maximum allowed TON_MAX
is 8 seconds. To avoid generation of spurious faults, the value of this command should be set to meet the following
guideline.
TON_MAX_FAULT_LIMIT ≥ 1.25xVOUT_COMMAND/VOUT_TRANSITION_RATE
This command has two data bytes in Linear_5s_11s format.
PMBus COMMAND DETAILS (Output Timing, Delays, and Ramping)
OUTPUT TIMING, DELAYS, AND RAMPING
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_RESTART_DELAY
0xDC Minimum time RUN pin is held low by the
LTC3888-1.
R/W Word
Y
L11
ms
l
500ms
0xFBE8
TON_DELAY
0x60 Delay from RUN pin or OPERATION on
command to beginning of soft-start ramp.
R/W Word
Y
L11
ms
l
0.0ms
0x8000
TON_MAX_FAULT_LIMIT
0x62 Maximum time for VFB (default) or VOUT to
rise above VOUT_UV_FAULT_LIMIT after
TON_DELAY.
R/W Word
Y
L11
ms
l
10.0ms
0xD280
VOUT_TRANSITION_RATE
0x27 Slew rate for VFB (default) or VOUT soft-on/
off and margining, including changes to
VOUT_COMMAND.
R/W Word
Y
L11
ms–1
l
0.01
0x82BF
TOFF_DELAY
0x64 Delay from RUN pin or OPERATION off
command to beginning of soft-off ramp.
R/W Word
Y
L11
ms
l
0.0ms
0x8000
TOFF_MAX_WARN_LIMIT
0x66 Maximum time for VOUT to reach
0.125xVOUT_COMMAND after being
commanded to 0.0V.
R/W Word
Y
L11
ms
l
0.0ms
0x8000
Related commands: MFR_RETRY_DELAY, STATUS_VOUT, SMBALERT_MASK, TON_MAX_FAULT_RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com