Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 11Page - Analog Devices LTM4677 Datasheet HTML 12Page - Analog Devices LTM4677 Datasheet HTML 13Page - Analog Devices LTM4677 Datasheet HTML 14Page - Analog Devices LTM4677 Datasheet HTML 15Page - Analog Devices LTM4677 Datasheet HTML 16Page - Analog Devices LTM4677 Datasheet HTML 17Page - Analog Devices LTM4677 Datasheet HTML 18Page - Analog Devices LTM4677 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 110 page
background image
LTC3888-1
15
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
LTC3888-1 Block Diagram
16-BIT
ADC
13
CHANNEL
ANALOG
MUX
388812 BD1
INTERNAL
TEMPERATURE
3.3V
REGULATOR
5.2V
REGULATOR
2.5V
REGULATOR
MCU AND
CUSTOM
LOGIC
VSENSE0±
VSENSE1±
ISENSE0-7/
IREF
VDD33
INTVCC
VIN
PLL
R_CONFIG
SHARE_CLK
CLKOUT
FAULT0/1
RUN0/1
SYNC
VSENSE0/1+
VSENSE0/1–
DAOUT0/1
PMBus
RAM
ROM
EEPROM
INTERNAL DATA BUS
VOLTAGE
REFERENCE
MASTER/SLAVE
CONFIGURATION
VREF
BIAS AND
HOUSEKEEPING
MASTERS
PWM0
PWM1
SLAVES
PWM2
PWM3
PWM4
PWM5
PWM6
PWM7
VIN
ISENSE2-7
PWM2-7
1X
IREF
GAIN
VFB0/1
ISENSE0/1
PWM0/1
PGOOD0/1
ITH0/1
ITHR0/1
VDR_MON
(optional)
TSNS0
(optional)
TSNS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com