Electronic Components Datasheet Search
  English  ▼

X  

LTM4677 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM4677
Description  Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4677 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM4677 Datasheet HTML 15Page - Analog Devices LTM4677 Datasheet HTML 16Page - Analog Devices LTM4677 Datasheet HTML 17Page - Analog Devices LTM4677 Datasheet HTML 18Page - Analog Devices LTM4677 Datasheet HTML 19Page - Analog Devices LTM4677 Datasheet HTML 20Page - Analog Devices LTM4677 Datasheet HTML 21Page - Analog Devices LTM4677 Datasheet HTML 22Page - Analog Devices LTM4677 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
LTC3888-1
19
Rev. 0
For more information www.analog.com
OPERATION
The PMBus interface provides access to important power
management data during system operation including:
• Average Input Voltage
• Average Output Voltages
• Average Output Currents
• PWM Operating Frequency
• Internal Device Temperature
• External Sensed Temperatures
• Warning and Fault Status, Including Input and Output
Undervoltage and Overvoltage
The LTC3888-1 supports four PMBus bus addressing
schemes to access the individual PWM voltage loops
separately or jointly.
Fault reporting and system response behavior are fully
configurable. The two status outputs (FAULT0, FAULT1)
can be controlled independently. A separate ALERT pin
also provides a maskable SMBALERT#. Fault responses
for each channel may be individually programmed,
depending on the fault type. PMBus status commands
allow fault reporting over the serial bus to identify a spe-
cific fault event.
MAIN CONTROL LOOP
The LTC3888-1 utilizes constant frequency current mode
control with trailing-edge modulation. The main con-
trol loop used for each master channel is illustrated in
Figure 1. During normal operation the top MOSFET in
the external power stage (power switch) driving choke
L1 is commanded on when the clock phase for that mas-
ter sets the RS latch, unless the main PWM compara-
tor ICMP indicates there is already too much current in
L1. In that case no additional energy is delivered to the
choke during that cycle (PWM output remains low, cycle
skipped). Otherwise the latch is reset and power switch
commanded off later in the cycle by the PWM compara-
tor. Sensed output current is provided from the external
power stage at the ISENSE pin. The point in the PWM cycle
at which ICMP resets the RS latch is controlled by the
ITH voltage provided by the output of error amplifier EA,
including internal slope compensation for stable opera-
tion regardless of duty cycle. ln steady state, ITH adjusts
the PWM duty cycle to match the VFB voltage to the EA
positive terminal voltage.
The positive terminal of EA is connected to the output of a
12-bit DAC with values ranging from 0V to approximately
1.22V. The DAC value is determined by command values
retrieved from internal EEPROM or by a combination of
PMBus commands to synthesize the desired output volt-
age. The factory default EEPROM sets the value of this
DAC output to 400mV. The EA then regulates the output
voltage based on the ratio of external resistors R1 and R2.
If load current increases, VSENSE+ and thus VFB will droop
slightly, VFB with respect to the 12-bit DAC output. This
causes the ITH voltage to increase until the average induc-
tor current matches the new load current and the desired
output voltage is restored. ITH is monitored to provide pro-
grammable over-current protection with comparator ILIM.
When the top MOSFET is commanded off by the PWM
output, the bottom MOSFET is commanded on. The
LTC3888-1 operates in continuous conduction mode
(CCM), so the bottom MOSFET stays on until the PWM
clock next turns on the top MOSFET or the rail is com-
manded off.
POWER-UP AND INITIALIZATION
The LTC3888-1 is designed to provide standalone supply
sequencing with controlled turn-on and turn-off functions.
It operates from a VIN supply of 4.5V to 26.5V while three
on-chip linear regulators generate internal 2.5V, 3.3V and
5.2V. If VIN is below 6V, the VIN and INTVCC pins must
be shorted together and limited to a maximum operat-
ing voltage of 5.5V. Controller configuration is reset by
the internal UVLO threshold, where INTVCC must be at
or above 4.45V, VDD33 must be at or above 3.1V and
the internal 2.5V supply must be within about 20% of its
regulated value. VIN must simply be high enough for the
LDO outputs to reach these voltages. At that point the
internal microcontroller begins initialization. A RESTORE_
USER_ALL or MFR_RESET forces this same initialization.
The LTC3888-1 features an internal RAM built-in self-test
(BIST) that runs during initialization. Should RAM BIST
fail, the following steps are taken.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com